Electronic Components Datasheet Search
  English  ▼

X  

GS9062 Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS9062
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062 Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS9062 Datasheet HTML 3Page - Gennum Corporation GS9062 Datasheet HTML 4Page - Gennum Corporation GS9062 Datasheet HTML 5Page - Gennum Corporation GS9062 Datasheet HTML 6Page - Gennum Corporation GS9062 Datasheet HTML 7Page - Gennum Corporation GS9062 Datasheet HTML 8Page - Gennum Corporation GS9062 Datasheet HTML 9Page - Gennum Corporation GS9062 Datasheet HTML 10Page - Gennum Corporation GS9062 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
7 of 46
18
SMPTE_BYPASS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
When set HIGH in conjunction with DVB_ASI = LOW, the device
will be configured to operate in SMPTE mode. All I/O processing
features may be enabled in this mode.
When set LOW, the device will not support the scrambling or
encoding of received SMPTE data. No I/O processing features
will be available.
19
RSET
Analog
Input
Used to set the serial digital output signal amplitude. Connect to
CD_VDD through 281
Ω +/- 1% for 800mVp-p single-ended output
swing.
20
CD_VDD
–
Power
Power supply connection for the serial digital cable driver.
Connect to +1.8V DC analog.
21
SDO_EN/DIS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to enable or disable the serial digital output stage.
When set LOW, the serial digital output signals SDO and SDO
are disabled and become high impedance.
When set HIGH, the serial digital output signals SDO and SDO
are enabled.
22
CD_GND
–
Power
Ground connection for the serial digital cable driver. Connect to
analog GND.
23, 24
SDO, SDO
Analog
Output
Serial digital output signal operating at 270Mb/s.
The slew rate of these outputs is automatically controlled to meet
SMPTE 259M specifications.
25
RESET_TRST
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to reset the internal operating conditions to default settings
and to reset the JTAG test sequence.
Host Mode (JTAG/HOST = LOW)
When asserted LOW, all functional blocks will be set to default
conditions and all input and output signals become high
impedance, including the serial digital outputs SDO and SDO.
Must be set HIGH for normal device operation.
JTAG Test Mode (JTAG/HOST = HIGH)
When asserted LOW, all functional blocks will be set to default
and the JTAG test sequence will be held in reset.
When set HIGH, normal operation of the JTAG test sequence
resumes.
26
JTAG/HOST
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to select JTAG Test Mode or Host Interface Mode.
When set HIGH, CS_TMS, SDOUT_TDO, SDI_TDI and
SCLK_TCK are configured for JTAG boundary scan testing.
When set LOW, CS_TMS, SDOUT_TDO, SDI_TDI and
SCLK_TCK are configured as GSPI pins for normal host
interface operation.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com