Electronic Components Datasheet Search
  English  ▼

X  

GS9062 Datasheet(PDF) 33 Page - Gennum Corporation

Part # GS9062
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062 Datasheet(HTML) 33 Page - Gennum Corporation

Back Button GS9062 Datasheet HTML 29Page - Gennum Corporation GS9062 Datasheet HTML 30Page - Gennum Corporation GS9062 Datasheet HTML 31Page - Gennum Corporation GS9062 Datasheet HTML 32Page - Gennum Corporation GS9062 Datasheet HTML 33Page - Gennum Corporation GS9062 Datasheet HTML 34Page - Gennum Corporation GS9062 Datasheet HTML 35Page - Gennum Corporation GS9062 Datasheet HTML 36Page - Gennum Corporation GS9062 Datasheet HTML 37Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
33 of 46
Table 3-9: Host Interface Description for EDH Flag Register
Register Name
Bit
Name
Description
R/W
Default
EDH_FLAG
Address: 02h
15
Not Used
14
ANC-UES
Ancillary Unknown Error Status flag will be generated and inserted
when IOPROC_EN/DIS and SMPTE_BYPASS pins are HIGH and
EDH_CRC_INS bit is LOW.
R/W
0
13
ANC-IDA
Ancillary Internal device error Detected Already flag will be
generated and inserted when IOPROC_EN/DIS and
SMPTE_BYPASS pins are HIGH and EDH_CRC_INS bit is LOW.
R/W
0
12
ANC-IDH
Ancillary Internal device error Detected Here flag will be generated
and inserted when IOPROC_EN/DIS and SMPTE_BYPASS pins
are HIGH and EDH_CRC_INS bit is LOW.
R/W
0
11
ANC-EDA
Ancillary Error Detected Already flag will be generated and
inserted when IOPROC_EN/DIS and SMPTE_BYPASS pins are
HIGH and EDH_CRC_INS bit is LOW.
R/W
0
10
ANC-EDH
Ancillary Error Detected Here flag will be generated and inserted
when IOPROC_EN/DIS and SMPTE_BYPASS pins are HIGH and
EDH_CRC_INS bit is LOW.
R/W
0
9
FF-UES
Full Field Unknown Error flag will be generated and inserted when
IOPROC_EN/DIS and SMPTE_BYPASS pins are HIGH and
EDH_CRC_INS bit is LOW.
R/W
0
8
FF-IDA
Full Field Internal device error Detected Already flag will be
generated and inserted when IOPROC_EN/DIS and
SMPTE_BYPASS pins are HIGH and EDH_CRC_INS bit is LOW.
R/W
0
7
FF-IDH
Full Field Internal device error Detected flag will be generated and
inserted when IOPROC_EN/DIS and SMPTE_BYPASS pins are
HIGH and EDH_CRC_INS bit is LOW.
R/W
0
6
FF-EDA
Full Field Error Detected Already flag will be generated and
inserted when IOPROC_EN/DIS and SMPTE_BYPASS pins are
HIGH and EDH_CRC_INS bit is LOW.
R/W
0
5
FF-EDH
Full Field Error Detected Here flag will be generated and inserted
when IOPROC_EN/DIS and SMPTE_BYPASS pins are HIGH and
EDH_CRC_INS bit is LOW.
R/W
0
4
AP-UES
Active Picture Unknown Error Status flag will be generated and
inserted when IOPROC_EN/DIS and SMPTE_BYPASS pins are
HIGH and EDH_CRC_INS bit is LOW.
R/W
0
3
AP-IDA
Active Picture Internal device error Detected Already flag will be
generated and inserted when IOPROC_EN/DIS and
SMPTE_BYPASS pins are HIGH and EDH_CRC_INS bit is LOW.
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com