Electronic Components Datasheet Search
  English  ▼

X  

GS9062 Datasheet(PDF) 10 Page - Gennum Corporation

Part # GS9062
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062 Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS9062 Datasheet HTML 6Page - Gennum Corporation GS9062 Datasheet HTML 7Page - Gennum Corporation GS9062 Datasheet HTML 8Page - Gennum Corporation GS9062 Datasheet HTML 9Page - Gennum Corporation GS9062 Datasheet HTML 10Page - Gennum Corporation GS9062 Datasheet HTML 11Page - Gennum Corporation GS9062 Datasheet HTML 12Page - Gennum Corporation GS9062 Datasheet HTML 13Page - Gennum Corporation GS9062 Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
10 of 46
38, 39, 42–
48, 50
DIN[0:9]
Synchronous
with PCLK
Input
PARALLEL DATA BUS
Signal levels are LVCMOS/LVTTL compatible.
DIN9 is the MSB and DIN0 is the LSB.
20-bit mode
20bit/10bit = HIGH
Chroma data input in SMPTE
mode SMPTE_BYPASS =
HIGH
DVB_ASI = LOW
Data input in Data-Through
mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
High impedance in DVB-ASI
mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
10-bit mode
20bit/10bit = LOW
High impedance in all modes.
40, 49, 60
IO_GND
–
Power
Ground connection for digital I/O buffers. Connect to digital GND.
41, 53, 61
IO_VDD
–
Power
Power supply connection for digital I/O buffers. Connect to +3.3V
DC digital.
51, 52, 54–
59, 62, 63
DIN[10:19]
Synchronous
with PCLK
Input
PARALLEL DATA BUS
Signal levels are LVCMOS/LVTTL compatible.
DIN19 is the MSB and DIN10 is the LSB.
20-bit mode
20bit/10bit = HIGH
Luma data input in SMPTE
mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in Data-Through
mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
DVB-ASI data input in
DVB-ASI mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
10-bit mode
20bit/10bit = LOW
Multiplexed Luma and Chroma
data input in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in data through
mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
DVB-ASI data input in
DVB-ASI mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com