Electronic Components Datasheet Search
  English  ▼

X  

GS9062 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS9062
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062 Datasheet(HTML) 1 Page - Gennum Corporation

  GS9062 Datasheet HTML 1Page - Gennum Corporation GS9062 Datasheet HTML 2Page - Gennum Corporation GS9062 Datasheet HTML 3Page - Gennum Corporation GS9062 Datasheet HTML 4Page - Gennum Corporation GS9062 Datasheet HTML 5Page - Gennum Corporation GS9062 Datasheet HTML 6Page - Gennum Corporation GS9062 Datasheet HTML 7Page - Gennum Corporation GS9062 Datasheet HTML 8Page - Gennum Corporation GS9062 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
www.gennum.com
GS9062 HD-LINX® II
SD-SDI and DVB-ASI Serializer
with ClockCleaner™
GS9062 Data Sheet
22209 - 7
February 2007
1 of 46
Key Features
•
SMPTE 259M-C compliant scrambling and
NRZ
→ NRZI encoding (with bypass)
•
DVB-ASI sync word insertion and 8b/10b encoding
•
adjustable loop bandwidth
•
user selectable additional processing features
including:
• ANC data checksum, and line number
calculation and insertion
• TRS and EDH packet generation and insertion
• illegal code remapping
•
internal flywheel for noise immune TRS generation
•
20-bit / 10-bit CMOS parallel input data bus
•
27MHz / 13.5MHz parallel digital input
•
automatic standards detection and indication
•
Pb-free and RoHS compliant
•
1.8V core power supply and 3.3V charge pump
power supply
•
3.3V digital I/O supply
•
JTAG test interface
•
small footprint compatible with GS1560A, GS1561,
GS1532, and GS9060
Applications
•
SMPTE 259M-C Serial Digital Interfaces
•
DVB-ASI Serial Digital Interfaces
Description
The GS9062 is a dual-standard serializer with an
integrated cable driver. When used in conjunction with
the GO1555/GO1525* Voltage Controlled Oscillator, a
transmit solution can be realized for SD-SDI and
DVB-ASI applications.
The device features an internal PLL, which can be
configured for loop bandwidth as narrow as 100kHz.
Thus the GS9062 can tolerate in excess of 300ps jitter
on the input PCLK and still provide output jitter well
within SMPTE specification. Connect the output clocks
from Gennum’s GS4911 clock generator directly to the
GS9062’s PCLK input and configure the GS9062’s loop
bandwidth accordingly.
In addition to serializing the input, the GS9062 performs
NRZ-to-NRZI encoding and scrambling as per SMPTE
259M-C when operating in SMPTE mode. When
operating in DVB-ASI mode, the device will insert K28.5
sync characters and 8b/10b encode the data prior to
serialization.
Parallel data inputs are provided for 10-bit multiplexed
or 20-bit demultiplexed formats. An appropriate parallel
clock input signal is also required.
The integrated cable driver features an output mute on
loss of parallel clock, high impedance mode and
adjustable signal swing.
The GS9062 also includes a range of data processing
functions including automatic standards detection and
EDH support. The device can also insert TRS signals,
re-map illegal code words and insert SMPTE 352M
payload identifier packets. All processing features are
optional and may be enabled/disabled via external
control pin(s) and/or host interface programming.
The GS9062 is Pb-free, and the encapsulation
compound does not contain halogenated flame
retardant (RoHS compliant).
*For new designs use GO1555


Similar Part No. - GS9062

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9062 GENNUM-GS9062 Datasheet
191Kb / 9P
HD-LINX II Voltage Controlled Oscillator
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9062-CF GENNUM-GS9062-CF Datasheet
790Kb / 46P
GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9062-CFE3 GENNUM-GS9062-CFE3 Datasheet
790Kb / 46P
GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results

Similar Description - GS9062

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
logo
National Semiconductor ...
LMH4345 NSC-LMH4345 Datasheet
166Kb / 6P
3 Gbps, HD, SD, DVB-ASI SDI Dual Serializer / Deserializer (SER/DES) with Loopthrough and LVDS Interface
LMH0340 NSC-LMH0340_08 Datasheet
470Kb / 24P
3G, HD, SD, DVB-ASI SDI Serializer and Driver with LVDS Interface
LMH0341 NSC-LMH0341_08 Datasheet
530Kb / 28P
3G, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
LMH0340 NSC-LMH0340_09 Datasheet
517Kb / 26P
3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver with LVDS Interface
LMH0341 NSC-LMH0341_09 Datasheet
578Kb / 28P
3 Gbps, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
logo
Gennum Corporation
GS9060 GENNUM-GS9060 Datasheet
941Kb / 61P
HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
logo
Texas Instruments
LMH0340SQE TI1-LMH0340SQE Datasheet
926Kb / 30P
3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver With LVDS Interface
LMH0041 TI1-LMH0041 Datasheet
944Kb / 33P
HD, SD, DVB-ASI SDI Deserializer
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com