Electronic Components Datasheet Search
  English  ▼

X  

MSLB9061 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # MSLB9061
Description  Compact, 6-channel LED Driver Board with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9061 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button MSLB9061 Datasheet HTML 3Page - ATMEL Corporation MSLB9061 Datasheet HTML 4Page - ATMEL Corporation MSLB9061 Datasheet HTML 5Page - ATMEL Corporation MSLB9061 Datasheet HTML 6Page - ATMEL Corporation MSLB9061 Datasheet HTML 7Page - ATMEL Corporation MSLB9061 Datasheet HTML 8Page - ATMEL Corporation MSLB9061 Datasheet HTML 9Page - ATMEL Corporation MSLB9061 Datasheet HTML 10Page - ATMEL Corporation MSLB9061 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Atmel LED Driver-MSLB9061
Efficiency at Vin = 12V
60
65
70
75
80
85
90
95
5
10
15
20
25
30
String Current (mA)
Efficiency
Typical Performance Characteristics
Efficiency at Vin =5V
30
40
50
60
70
80
90
5
10
15
20
25
30
String Current (mA)
Efficiency
Detailed Description
The MSLB9061 is a standalone, six-channel LED driver board suitable for integration into small production devices. It
includes an I2C serial interface for accessing the digital features of the MSL1061 LED driver. Onboard switches set the I2C
slave address to one of four available addresses and the full-scale LED current to 30, 25, 15, or 10mA.
Input Power
The MSLB9061 board is powered from input voltages ranging from 3.3 up to 28V, and the integral boost regulator
power is separate, allowing operation with separate bias and power input voltages for improved efficiency or operation
from a single input power source for simplicity. Full power is available for power (PWR) input voltage greater than
6.5V.
Atmel LED Driver-MSLB9061
LED Driver Module
Compact, 6-channel LED Driver Board with I2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com