Electronic Components Datasheet Search
  English  ▼

X  

MSLB9061 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # MSLB9061
Description  Compact, 6-channel LED Driver Board with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9061 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button MSLB9061 Datasheet HTML 4Page - ATMEL Corporation MSLB9061 Datasheet HTML 5Page - ATMEL Corporation MSLB9061 Datasheet HTML 6Page - ATMEL Corporation MSLB9061 Datasheet HTML 7Page - ATMEL Corporation MSLB9061 Datasheet HTML 8Page - ATMEL Corporation MSLB9061 Datasheet HTML 9Page - ATMEL Corporation MSLB9061 Datasheet HTML 10Page - ATMEL Corporation MSLB9061 Datasheet HTML 11Page - ATMEL Corporation MSLB9061 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Atmel LED Driver-MSLB9061
Single Input Voltage Configuration
The MSLB9061 board can be powered from a single
input voltage source. The configuration depends on the
input voltage range. The three available configurations
are:
• Input voltage between 5.5V and 28V. Apply the
input voltage to the PWR and HVBIAS inputs,
J2 pins 1, 2, and 3, simultaneously. Leave BIAS
and DOUBLE, J2 pins 4 and 5, unconnected. Full
power is available in this configuration with an
input voltage greater than 6.5V.
• Input voltage between 4.5V and 6V. Apply the
input voltage to the PWR, HVBIAS, and BIAS
inputs, J2 pins 1, 2, 3, and 4, simultaneously.
Leave DOUBLE, J2 pin 5, unconnected. Full
power is not available in this configuration.
• Input voltage between 3.1V and 3.6V. Apply the
input voltage to the PWR and DOUBLE inputs, J2
pins 1, 2, and 5. Connect the BIAS and HVBIAS
inputs, J2 pins 3 and 4, together, but do not
apply voltage. Full power is not available in this
configuration.
Separate Power and Bias Input Configuration
The MSLB9061 board can be powered from separate
power and bias input voltage sources. With input
bias voltage below the input power voltage, power
dissipation is reduced for improved power efficiency. In
all cases, apply the power input voltage to the PWR
inputs, J2 pins 1 and 2. Full output power is available for
an input voltage greater than 6.5V. The three available
bias configurations are:
• 5.5V to 28V bias input voltage. Connect the bias
voltage to the HVBIAS input, J2 pin 3. Leave
BIAS and DOUBLE inputs, J2 pins 4 and 5,
unconnected.
• 4.5V to 6V bias input voltage. Connect the bias
voltage to the HVBIAS and BIAS inputs, J2 pins 3
and 4, simultaneously. Leave DOUBLE, J2 pin 5,
unconnected.
• 3.1V to 3.6V bias input voltage. Connect the
bias voltage to DOUBLE, J2 pin 5. Connect
the HVBIAS and BIAS inputs, J2 pins 3 and 4,
together, but do not apply voltage.
I2C Serial Interface
The MSLB9061 driver board uses an I2C/SMBus serial
interface for digital LED control and fault detection.
Four slave ID addresses are available, and are selected
by the I2C address selection switch. The addresses are
shown in Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com