Electronic Components Datasheet Search
  English  ▼

X  

MSLB9061 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # MSLB9061
Description  Compact, 6-channel LED Driver Board with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9061 Datasheet(HTML) 4 Page - ATMEL Corporation

  MSLB9061 Datasheet HTML 1Page - ATMEL Corporation MSLB9061 Datasheet HTML 2Page - ATMEL Corporation MSLB9061 Datasheet HTML 3Page - ATMEL Corporation MSLB9061 Datasheet HTML 4Page - ATMEL Corporation MSLB9061 Datasheet HTML 5Page - ATMEL Corporation MSLB9061 Datasheet HTML 6Page - ATMEL Corporation MSLB9061 Datasheet HTML 7Page - ATMEL Corporation MSLB9061 Datasheet HTML 8Page - ATMEL Corporation MSLB9061 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Atmel LED Driver-MSLB9061
Mechanical Drawing
Figure 1. Atmel® LED Driver-MSLB9061 Mechanical Drawing. All Dimensions in Inches.
Connector Pin Descriptions
Table 1. J2 Input Connector Pin Descriptions
PIN NAME
PIN NUMBER
PIN DESCRIPTION
PWR
1,2
Input power to integrated boost regulator circuit
HVBIAS
3
Input to integrated LDO bias voltage regulator
LVBIAS
4
Input to MSL1061 bias voltage
DOUBLE
5
Input to charge pump doubler bias input
SDA
6
I²C serial data
SCL
7
I²C serial clock
FLTB
8
Fault indication output
EN
9
Enable control input
PWM
10
PWM dimming control input
GND
11,12
Ground
Table 2. J3 Output Connector Pin Descriptions
PIN NAME
PIN NUMBER
PIN DESCRIPTION
GND
1-8
Ground
STR6
9
LED string 6 cathode connection
STR5
10
LED string 5 cathode connection
STR4
11
LED string 4 cathode connection
STR3
12
LED string 3 cathode connection
STR2
13
LED string 2 cathode connection
STR1
14
LED string 1 cathode connection
VLED
15-20
LED sting anode output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com