Electronic Components Datasheet Search
  English  ▼

X  

MSLB9061 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # MSLB9061
Description  Compact, 6-channel LED Driver Board with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9061 Datasheet(HTML) 5 Page - ATMEL Corporation

  MSLB9061 Datasheet HTML 1Page - ATMEL Corporation MSLB9061 Datasheet HTML 2Page - ATMEL Corporation MSLB9061 Datasheet HTML 3Page - ATMEL Corporation MSLB9061 Datasheet HTML 4Page - ATMEL Corporation MSLB9061 Datasheet HTML 5Page - ATMEL Corporation MSLB9061 Datasheet HTML 6Page - ATMEL Corporation MSLB9061 Datasheet HTML 7Page - ATMEL Corporation MSLB9061 Datasheet HTML 8Page - ATMEL Corporation MSLB9061 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Atmel LED Driver-MSLB9061
Absolute Maximum Ratings
Voltage (With Respect to GND)
STR1-STR6............................................................................................................................................................................................. -0.3V to +50V
VLED............................................................................................................................................................................................................. -0.3V to +40V
PWR, HVBIAS........................................................................................................................................................................................ -0.3V to +36V
BIAS, EN, PWM, SDA, SCL, FLTB........................................................................................................................................-0.3V to +5.5V
Ambient operating temperature range T
A = TMIN to TMAX.................................................................................... -40°C to +50°C
Table 3 : Electrical Operating Characteristics
(Typical application circuit, VIN = 12V, T
A = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C)
PARAMETER
CONDITIONS AND NOTES
MIN
TYP
MAX
UNIT
DC ELECTRICAL CHARACTERISTICS
Power input voltage
(Note 1)
3.3V
28
V
HVBIAS input voltage
Bias voltage applied to HVBIAS, BIAS
unconnected
6.5
28
V
BIAS input voltage
HVBIAS and BIAS inputs connected with bias
voltage applied
4.5
6
V
DOUBLE input voltage
HVBIAS and BIAS inputs connected together,
bias voltage applied to DOUBLE
3.1
3.6
V
EN logic input high level
2.3
V
EN logic input low level
0.8
V
PWM, SDA, SCL input high voltage
2
V
PWM, SDA, SCL Input low voltage
0.9
V
FLTB output low voltage
I
FLTB = 1mA
0.1
V
FLTB leakage current
V
FLTB = 3.6V
1
A
STR1-STR6 output current
ISTRn = 0x0F, S2 position 1
30
mA
ISTRn = 0x0F, S2 position 2
25
mA
ISTRn = 0x0F, S2 position 3
15
mA
ISTRn = 0x0F, S2 position 4
10
mA
PARAMETER
CONDITIONS AND NOTES
MIN
TYP
MAX
UNIT
AC ELECTRICAL CHARACTERISTICS
PWM input frequency
20
kHz
Atmel LED Driver-MSLB9061
LED Driver Module
Compact, 6-channel LED Driver Board with I2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com