Electronic Components Datasheet Search
  English  ▼

X  

MSLB9082 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # MSLB9082
Description  Compact, 8-channel, 20W LED Driver Board with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9082 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button MSLB9082 Datasheet HTML 4Page - ATMEL Corporation MSLB9082 Datasheet HTML 5Page - ATMEL Corporation MSLB9082 Datasheet HTML 6Page - ATMEL Corporation MSLB9082 Datasheet HTML 7Page - ATMEL Corporation MSLB9082 Datasheet HTML 8Page - ATMEL Corporation MSLB9082 Datasheet HTML 9Page - ATMEL Corporation MSLB9082 Datasheet HTML 10Page - ATMEL Corporation MSLB9082 Datasheet HTML 11Page - ATMEL Corporation MSLB9082 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Atmel LED Driver-MSLB9082
Typical Performance Characteristics (Continued)
Efficiency Optimizer Auto Recalibration
The MSLB9082 is a stand-alone, eight-channel LED driver board suitable for integration into small-production devices. It
includes an I2C serial interface for accessing the digital features of the MSL3162 LED driver. It has onboard switches that
set the I2C slave address to one of four available addresses, a switch to set the full-scale LED current to 50, 60, 70, or
80mA in single-string mode, and 100, 120, 140, or 160mA in dual-string mode, and a switch to set the maximum LED
voltage to 39, 36, 32, or 28V. The board is powered from a single input voltage between 10V and 16V.
Input Power
The MSLB9082 board is powered from a single input voltage ranging from 10 to 16V.
Setting the Full-scale LED Current
The MSL3162 regulates the LED string current. The LED string current is set by a current sense resistor. Four different
values are programmed to the MSLB9082 LED driver module, and switch S2 selects one of those resistors to set the
full-scale, per-string LED current to 50, 60, 70, or 80mA. Table 4 shows the switch settings and the full-scale, per-string
LED current for each setting.
Table 4: Full-scale, Per-string LED Current (S2) Settings
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com