Electronic Components Datasheet Search
  English  ▼

X  

MSLB9082 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # MSLB9082
Description  Compact, 8-channel, 20W LED Driver Board with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9082 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button MSLB9082 Datasheet HTML 2Page - ATMEL Corporation MSLB9082 Datasheet HTML 3Page - ATMEL Corporation MSLB9082 Datasheet HTML 4Page - ATMEL Corporation MSLB9082 Datasheet HTML 5Page - ATMEL Corporation MSLB9082 Datasheet HTML 6Page - ATMEL Corporation MSLB9082 Datasheet HTML 7Page - ATMEL Corporation MSLB9082 Datasheet HTML 8Page - ATMEL Corporation MSLB9082 Datasheet HTML 9Page - ATMEL Corporation MSLB9082 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Atmel LED Driver-MSLB9082
PARAMETER
CONDITIONS AND NOTES
MIN
TYP
MAX
UNIT
AC ELECTRICAL CHARACTERISTICS
PWM input frequency
20
kHz
PARAMETER
CONDITIONS AND NOTES
MIN
TYP
MAX
UNIT
I²C SWITCHING CHARACTERISTICS
SCL clock frequency
I2C timeout disabled (Note 1)
1000
kHz
Bus timeout
25
ms
Bus free time between a STOP and
START condition
0.5
µs
Hold time for a repeated START condition
0.26
µs
Set-up time for a repeated START condition
0.26
µs
Set-up time for STOP condition
0.26
µs
Data hold time
10
ns
Data valid acknowledge time
(Note 2)
0.05
0.45
µs
Data valid time
(Note 3)
0.05
0.45
µs
Data set-up time
100
ns
LOW period of the SCL clock
0.5
µs
HIGH period of the SCL clock
0.26
µs
Fall time of SDA and SCL signals
(note 4,5)
120
ns
Rise time of both SDA and SCL signals
120
ns
Pulse width of spikes that must be
suppressed by the input filter
(Note 6)
50
ns
SDA, SCL, AD0 input capacitance
10
pF
Note 1. Minimum SCL clock frequency is limited by the bus timeout feature, which resets the serial bus interface if either SDA or SCL is held low for
25ms. Disable bus timeout feature for DC operation.
Note 2. Time for acknowledge signal from SCL low to SDA (out) low.
Note 3. Minimum time for SDA data out to be valid following SCL low.
Note 4. A master device must internally provide a hold time of at least 300ns for the SDA signal (refer to the V
IL of the SCL signal) in order to
bridge the undefined region of SCL falling edge.
Note 5. The maximum fall times for the SDA and SCL bus lines are specified at 300ns. The maximum fall time for the SDA output stage is specified
at 250ns. This allows series protection resistors to be connected between SDA and SCL and the SDA/SCL bus lines without exceeding the
maximum specified fall time.
Note 6. Input filters on the SDA, SCL, and AD0 inputs suppress noise less than 50ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com