Electronic Components Datasheet Search
  English  ▼

X  

MSLB9082 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # MSLB9082
Description  Compact, 8-channel, 20W LED Driver Board with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9082 Datasheet(HTML) 3 Page - ATMEL Corporation

  MSLB9082 Datasheet HTML 1Page - ATMEL Corporation MSLB9082 Datasheet HTML 2Page - ATMEL Corporation MSLB9082 Datasheet HTML 3Page - ATMEL Corporation MSLB9082 Datasheet HTML 4Page - ATMEL Corporation MSLB9082 Datasheet HTML 5Page - ATMEL Corporation MSLB9082 Datasheet HTML 6Page - ATMEL Corporation MSLB9082 Datasheet HTML 7Page - ATMEL Corporation MSLB9082 Datasheet HTML 8Page - ATMEL Corporation MSLB9082 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Atmel LED Driver-MSLB9082
Atmel LED Driver-MSLB9082
LED Backlight Driver Module
Compact, 8-channel, 20W LED Driver Board with I2C Interface
• Drives Up to 8LED Strings
• Up to 10 LEDs per String
• Up to 160mA per LED string
• Internally Generated PWM Dimming
• I²C Serial Interface
• Fault Detection and Protection
• 10 To 16V Input Voltage Range
• Up To 20W Output Power
• Small Size, 1.0” X 2.0”
• Four Available I²C Slave Addresses, Switch Selectable
• Four Full-scale Current Settings, Switch Selectable
• Four Available Voltage Ranges To Support Multiple
Panels
• 1.4mhz Switching Frequency
• Internal or External PWM Dimming Control
• Digital Control Of LED String Current
• Individual LED String On/Off Digital Control
• Short Circuit Or Open Circuit LED String Detection
• Automatic Over-voltage Protection
Key Features
LED Driver Board
2.0”
(50.8mm)
1.0”
(25.4mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com