Electronic Components Datasheet Search
  English  ▼

X  

MSLB9082 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # MSLB9082
Description  Compact, 8-channel, 20W LED Driver Board with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9082 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button MSLB9082 Datasheet HTML 5Page - ATMEL Corporation MSLB9082 Datasheet HTML 6Page - ATMEL Corporation MSLB9082 Datasheet HTML 7Page - ATMEL Corporation MSLB9082 Datasheet HTML 8Page - ATMEL Corporation MSLB9082 Datasheet HTML 9Page - ATMEL Corporation MSLB9082 Datasheet HTML 10Page - ATMEL Corporation MSLB9082 Datasheet HTML 11Page - ATMEL Corporation MSLB9082 Datasheet HTML 12Page - ATMEL Corporation MSLB9082 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Atmel LED Driver-MSLB9082
FULL-SCALE LED CURRENT
SWITCH S2 POSITION
FULL-SCALE, PER-
STRING LED CURRENT
FULL-SCALE LED
CURRENT SWITCH S2
POSITION
FULL-SCALE, PER-
STRING LED CURRENT
Position 1
50mA
Position 3
70mA
Position 2
60mA
Position 4
80mA
When using the I2C serial interface, the per-string LED current is changed from the full-scale value by programming the
I
STRn register, where n is the LED string number from 0 to 15. The ISTRn register is a 6-bit word that sets the LED current
for each LED string to one of 64 linear levels. The per-string LED current is:
I
STRn = ISTR_FULL
ISTRn+1
,
64
where I
SRTn is the current of LED string n, ISTR_FULL is the full-scale LED current set by S2, and ISRTn is the value of the
current setting register for string n between 0 and 64 (0x3F).
Atmel LED Driver-MSLB9082
LED Backlight Driver Module
Compact, 8-channel, 20W LED Driver Board with I2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com