Electronic Components Datasheet Search
  English  ▼

X  

MSLB9082 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # MSLB9082
Description  Compact, 8-channel, 20W LED Driver Board with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9082 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button MSLB9082 Datasheet HTML 12Page - ATMEL Corporation MSLB9082 Datasheet HTML 13Page - ATMEL Corporation MSLB9082 Datasheet HTML 14Page - ATMEL Corporation MSLB9082 Datasheet HTML 15Page - ATMEL Corporation MSLB9082 Datasheet HTML 16Page - ATMEL Corporation MSLB9082 Datasheet HTML 17Page - ATMEL Corporation MSLB9082 Datasheet HTML 18Page - ATMEL Corporation MSLB9082 Datasheet HTML 19Page - ATMEL Corporation MSLB9082 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
Atmel LED Driver-MSLB9082
ITEM
QUANTITY
REFERENCE
PART
1
1
C1
1µF/6.3V
2
1
C2
4.7µF/6.3V
3
4
C3,C4,C13,C14
2.2µF/100V
4
1
C5
2.2µF
5
2
C8,C9
1µF/25V
6
1
C10
0.1µF/25V
7
1
C11
3.3nF
8
1
C12
0.01µF
9
1
D1
Schottky rectifier, Diodes DLFS140
10
1
D2
Schottky rectifier, Central CMAD6263
11
1
J1
12-position connector, JST SM12B-SRSS
12
1
J2
20-position connector, JST SM20B-SRSS
13
1
L1
5.6uH inductor, Sumida CDRH5D20-5R6
14
2
R1,R5
Do Not Stuff
15
1
R3
100kΩ
16
1
R4
165kΩ
17
1
R7
42.2kΩ
18
1
R8
26.1kΩ
19
1
R9
30.1kΩ
20
1
R10
34.8kΩ
21
1
R11
4.7kΩ
22
1
R12
80kΩ
23
1
R13
7.50kΩ
24
1
R14
6.49kΩ
25
1
R15
5.76kΩ
26
1
R16
5.36kΩ
27
3
SW1,SW2,SW3
4-position switch, Copal CS-4-14
28
1
U1
16-channel LED driver, MSL3162
29
1
U3
5V regulator, Micrel MIC5233
30
1
U4
Boost regulator, TI TPS61175
Atmel LED Driver-MSLB9082 Bill of Materials
Atmel LED Driver-MSL3162 LED driver board revised: Wednesday, October 7, 2009
Revision: 3
Atmel LED Driver-MSLB9082
LED Backlight Driver Module
Compact, 8-channel, 20W LED Driver Board with I2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com