Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AFE031
Description  Powerline Communications Analog Front-End
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE031 Datasheet(HTML) 33 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 29Page - Texas Instruments AFE031 Datasheet HTML 30Page - Texas Instruments AFE031 Datasheet HTML 31Page - Texas Instruments AFE031 Datasheet HTML 32Page - Texas Instruments AFE031 Datasheet HTML 33Page - Texas Instruments AFE031 Datasheet HTML 34Page - Texas Instruments AFE031 Datasheet HTML 35Page - Texas Instruments AFE031 Datasheet HTML 36Page - Texas Instruments AFE031 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Time (s)
E_Tx_Out
E_Tx_In
E_Tx_Clk
3.3
3.3
3.3
0
0
0
0
20
40
-
-
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
High-pass cutoff determined by:
f
=
HP
1
2
R
C
p
·
·
IN
EXT
where:
R
= Input resistance of ERx = 78 k
C
= External capacitance
W
IN
EXT
AFE031
www.ti.com
SBOS531B
– AUGUST 2010 – REVISED SEPTEMBER 2011
ETx and ERx Blocks
The AFE031 contains a two-wire transmitter block, ETx, and a two-wire receiver block, ERx. These blocks
support communications that use amplitude shift keying (ASK) with on-off keying (OOK) modulation.
The ETx block is a gated driver that allows for transmission of a carrier input signal and modulating input signal.
For typical applications, a 50-kHz square wave carrier signal is applied to E_Tx_Clk while the modulating signal
is applied to E_Tx_In. The output (E_Tx_Out) is then in a high-impedance state when E_Tx_In is '1'. Figure 42
shows the relationship between E_Tx_Clk, E_Tx_In, and E_Tx_Out.
Figure 42. ETx Block Transfer Function
The ERx Block consists of a low-pass analog filter configured in an inverting gain of
–4.5 db. This block, along
with an external capacitor, can be used to create a passband filter response as shown in Figure 43.
Figure 43. ERx Block Frequency Response
Copyright
© 2010–2011, Texas Instruments Incorporated
33
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com