Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AFE031
Description  Powerline Communications Analog Front-End
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE031 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 7Page - Texas Instruments AFE031 Datasheet HTML 8Page - Texas Instruments AFE031 Datasheet HTML 9Page - Texas Instruments AFE031 Datasheet HTML 10Page - Texas Instruments AFE031 Datasheet HTML 11Page - Texas Instruments AFE031 Datasheet HTML 12Page - Texas Instruments AFE031 Datasheet HTML 13Page - Texas Instruments AFE031 Datasheet HTML 14Page - Texas Instruments AFE031 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
CS
SCLK
DIN
DOUT
t
CSSC
t
SU
t
HD
t
LO
t
HI
t
DO
t
SOZ
t
CS1
t
CS0
t
SCCS
t
CSH
1/f
SCLK
Hi-Z
Hi-Z
AFE031
www.ti.com
SBOS531B
– AUGUST 2010 – REVISED SEPTEMBER 2011
SPI TIMING REQUIREMENTS
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Input capacitance
1
pF
Input rise/fall time
tRFI
CS, DIN, SCLK
2
ns
Output rise/fall time
tRFO
DOUT
10
ns
CS high time
tCSH
CS
20
ns
SCLK edge to CS fall setup time
tCS0
10
ns
CS fall to first SCLK edge setup time
tCSSC
10
ns
SCLK frequency
fSCLK
20
MHz
SCLK high time
tHI
20
ns
SCLK low time
tLO
20
ns
SCLK last edge to CS rise setup time
tSCCS
10
ns
CS rise to SCLK edge setup time
tCS1
10
ns
DIN setup time
tSU
10
ns
DIN hold time
tHD
5
ns
SCLK to DOUT valid propagation delay
tDO
20
ns
CS rise to DOUT forced to Hi-Z
tsoz
20
ns
TIMING DIAGRAMS
Figure 1. SPI Mode 0,0
Copyright
© 2010–2011, Texas Instruments Incorporated
11
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com