Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AFE031
Description  Powerline Communications Analog Front-End
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE031 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 4Page - Texas Instruments AFE031 Datasheet HTML 5Page - Texas Instruments AFE031 Datasheet HTML 6Page - Texas Instruments AFE031 Datasheet HTML 7Page - Texas Instruments AFE031 Datasheet HTML 8Page - Texas Instruments AFE031 Datasheet HTML 9Page - Texas Instruments AFE031 Datasheet HTML 10Page - Texas Instruments AFE031 Datasheet HTML 11Page - Texas Instruments AFE031 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
AFE031
SBOS531B
– AUGUST 2010 – REVISED SEPTEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: Digital
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
AFE031
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Digital Inputs (SCLK, DIN, CS, DAC, SD)
Leakage input current
0
≤ VIN ≤ DVDD
–1
0.01
1
μA
Input logic levels
High-level input voltage
VIH
0.7
• DVDD
V
Low-level input voltage
VIL
0.3
• DVDD
V
SD pin high
SD
> 0.7 • DVDD
AFE031 in shutdown
SD pin low
SD
< 0.3 • DVDD
AFE031 in normal operation
DAC pin high
DAC
> 0.7 • DVDD
SPI access to DAC Registers
SPI access to Command and Data
DAC pin low
DAC
< 0.3 • DVDD
Registers
Digital Outputs (DO, ZC_OUT)
VO
High-level output voltage
IOH = 3 mA
DVDD – 0.4
DVDD
V
H
Low-level output voltage
VOL
IOL = –3 mA
GND
GND + 0.4
V
Digital Outputs (INT, Tx_Flag, Rx_Flag)
High-level output current
IOH
VOH = 3.3 V
1
μA
Low-level output voltage
VOL
IOL = 4 mA
0.4
V
Low-level output current
IOL
VOL = 400 mV
4
mA
INT pin high (open drain)
INT sink current
< 1 μA
Normal operation
μs
INT pin low (open drain)(1)
INT
< 0.4 V
Indicates an interrupt has occurred
μs
Tx_Flag high (open drain)
Tx_Flag sink current
< 1 μA
Indicates Tx block is not ready
μs
Tx_Flag low (open drain)
Tx_Flag
< 0.4 V
Indicates Tx block is ready
μs
Rx_Flag high (open drain)
Rx_Flag sink current
< 1 μA
Indicates Rx block is not ready
μs
Rx_Flag low (open drain)
Rx_Flag
< 0.4 V
Indicates Rx block is ready
μs
DIGITAL TIMING
Gain Timing
Gain select time
0.2
μs
Shutdown Mode Timing
Enable time
4.0
μs
Disable time
2.0
μs
POR Timing
Power-On Reset power-up time
DVDD ≥ 2 V
50
μs
(1)
When an interrupt is detected (INT pin low), the contents of the I_Flag and T_Flag Registers can be read to determine the reason for the
interrupt.
8
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com