Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AFE031
Description  Powerline Communications Analog Front-End
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE031 Datasheet(HTML) 1 Page - Texas Instruments

  AFE031 Datasheet HTML 1Page - Texas Instruments AFE031 Datasheet HTML 2Page - Texas Instruments AFE031 Datasheet HTML 3Page - Texas Instruments AFE031 Datasheet HTML 4Page - Texas Instruments AFE031 Datasheet HTML 5Page - Texas Instruments AFE031 Datasheet HTML 6Page - Texas Instruments AFE031 Datasheet HTML 7Page - Texas Instruments AFE031 Datasheet HTML 8Page - Texas Instruments AFE031 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
DVDD
DGND
AGND1
AVDD1
AGND2
AVDD2
SCLK
DI
DO
CS
DAC
SD
Tx_FLAG
Rx_FLAG
INT
E_Tx_CLK
E_Tx_IN
E_Tx_OUT
Rx_PGA1_IN
Rx_PGA1_OUT
Rx_F_IN
Rx_C1
Rx_C2
Rx_F_OUT
Bias
ZC2
ZC1
Power
Amplifier
Digital Interface
(SPI)
Control
Register
Digital-to-Analog
Converter
TxPGA
RxPGA_1
RxPGA_2
Tx Filter
Rx Filter
Two-Wire Rx/Tx
AFE031
AFE031
www.ti.com
SBOS531B
– AUGUST 2010 – REVISED SEPTEMBER 2011
Powerline Communications
Analog Front-End
Check for Samples: AFE031
1
FEATURES
DESCRIPTION
The AFE031 is a low-cost, integrated, powerline
234
•
Integrated Powerline Driver with Thermal and
communications (PLC) analog front-end (AFE) device
Overcurrent Protection
that is capable of capacitive- or transformer-coupled
•
Conforms to EN50065-1
connections to the powerline while under the control
•
PRIME Certified
of a DSP or microcontroller. It is ideal for driving
low-impedance lines that require up to 1.5 A into
•
Large Output Swing: 12 VPP at 1.5 A
reactive loads. The integrated receiver is able to
(15-V Supply)
detect signals down to 20
μVRMS and is capable of a
•
Low Power Consumption: 15 mW (Receive
wide range of gain options to adapt to varying input
Mode)
signal conditions. This monolithic integrated circuit
provides high reliability in demanding powerline
•
Programmable Tx and Rx Filters
communications applications.
•
Supports EN50065 CENELEC Bands A, B, C, D
The AFE031 transmit power amplifier operates from a
•
Supports FSK, S-FSK, and OFDM
single supply in the range of 7 V to 26 V. At
•
Supports PRIME, G3, IEC 61334
maximum output current, a wide output swing
•
Receive Sensitivity: 20
μVRMS, Typical
provides a 12-VPP (IOUT = 1.5 A) capability with a
nominal 15-V supply. The analog and digital signal
•
Programmable Tx/Rx Gain Control
processing circuitry operates from a single 3.3-V
•
Four-Wire Serial Peripheral Interface
power supply.
•
Two Integrated Zero Crossing Detectors
The
AFE031
is
internally
protected
against
•
Two-Wire Transceiver Buffer
overtemperature and short-circuit conditions. It also
•
48-Pin QFN PowerPAD
™ Package
provides an adjustable current limit. An interrupt
output is provided that indicates both current limit and
•
Extended Junction Temperature Range:
thermal limit. There is also a shutdown pin that can
–40°C to +125°C
be used to quickly put the device into its lowest
power state. Through the four-wire serial peripheral
APPLICATIONS
interface, or SPI
™, each functional block can be
•
eMetering
enabled or disabled to optimize power dissipation.
•
Lighting
The AFE031 is housed in a thermally-enhanced,
•
Solar
surface-mount
PowerPAD
package
(QFN-48).
Operation is specified over the extended industrial
•
Pilot Wire
junction temperature range of
–40°C to +125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD, C2000 are trademarks of Texas Instruments.
3
SPI is a trademark of Motorola, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AFE031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE031 TI1-AFE031 Datasheet
970Kb / 57P
Powerline Communications Analog Front-End
AFE031 TI2-AFE031 Datasheet
1Mb / 59P
AFE031 Powerline Communications Analog Front-End
REVISED JUNE 2019
AFE031AIRGZR TI1-AFE031AIRGZR Datasheet
970Kb / 57P
Powerline Communications Analog Front-End
AFE031AIRGZR TI2-AFE031AIRGZR Datasheet
1Mb / 59P
AFE031 Powerline Communications Analog Front-End
REVISED JUNE 2019
AFE031AIRGZR.A TI2-AFE031AIRGZR.A Datasheet
1Mb / 59P
AFE031 Powerline Communications Analog Front-End
REVISED JUNE 2019
More results

Similar Description - AFE031

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Maxim Integrated Produc...
MAX2981 MAXIM-MAX2981 Datasheet
178Kb / 12P
Integrated Powerline Communication Analog Front-End Transceiver and Line Driver
Rev 0; 7/09
MAX2991 MAXIM-MAX2991 Datasheet
1Mb / 22P
Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
Rev 0; 1/10
logo
Texas Instruments
AFE030 TI1-AFE030 Datasheet
992Kb / 58P
Powerline Communications Analog Front-End
AFE031 TI1-AFE031_13 Datasheet
970Kb / 57P
Powerline Communications Analog Front-End
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
logo
DATEL, Inc.
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
logo
Maxim Integrated Produc...
MAX2991 MAXIM-MAX2991_V01 Datasheet
1Mb / 22P
Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
19-5125; Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com