Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # AFE031
Description  Powerline Communications Analog Front-End
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE031 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 10Page - Texas Instruments AFE031 Datasheet HTML 11Page - Texas Instruments AFE031 Datasheet HTML 12Page - Texas Instruments AFE031 Datasheet HTML 13Page - Texas Instruments AFE031 Datasheet HTML 14Page - Texas Instruments AFE031 Datasheet HTML 15Page - Texas Instruments AFE031 Datasheet HTML 16Page - Texas Instruments AFE031 Datasheet HTML 17Page - Texas Instruments AFE031 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
AFE031
SBOS531B
– AUGUST 2010 – REVISED SEPTEMBER 2011
www.ti.com
PIN DESCRIPTIONS
AFE031
PIN NO.
NAME
DESCRIPTION
1
DGND
Digital ground
2
DVDD
Digital supply
3
SCLK
SPI serial clock
4
DIN
SPI digital input
5
DOUT
SPI digital output
6
CS
SPI digital chip select
7
DAC
DAC mode select
8
SD
System shutdown
9
INT
Interrupt on overcurrent or thermal limit
10
TSENSE
Temp sensing diode (anode)
11
AVDD1
Analog lupply
12
AGND1
Analog ground
13
Tx_PGA_IN
Transmit PGA lnput
14
Tx_PGA_OUT
Transmit PGA lutput
15
Tx_F_IN1
Transmit filter input 1
16
Tx_F_IN2
Transmit filter input 2
17
Tx_F_OUT
Transmit filter output
18
PA_IN
Power Amplifier input
19
REF1
Power Amplifier noise reducing capacitor
20
Rx PGA2_OUT
Receiver PGA(2) output
21
Rx PGA2_IN
Receiver PGA(2) input
22
Rx_F_OUT
Receiver filter output
23
Rx_C2
Receiver external frequency select
24
Rx_C1
Receiver external frequency select
25
Rx_F_IN
Receiver filter input
26
Rx PGA1_OUT
Receiver PGA(1) output
27
Rx PGA1_IN
Receiver PGA(1) input
28
REF2
Receiver noise reducing capacitor
29
AGND2
Analog ground
30
AVDD2
Analog supply
31
E_Rx_OUT
Two-wire receiver output
32
E_Rx_IN
Two-wire receiver input
33
E_Tx_OUT
Two-wire transmitter output
34
E_Tx_IN
Two-wire transmitter input
35
E_Tx_CLK
Two-wire transmitter clock input
36
ZC_OUT2
Zero crossing detector output
37
ZC_OUT1
Zero crossing detector output
38
ZC_IN2
Zero crossing detector input
39
ZC_IN1
Zero crossing detector input
40
PA_GND2
Power Amplifier ground
41
PA_GND1
Power Amplifier ground
42
PA_OUT2
Power Amplifier output
43
PA_OUT1
Power Amplifier output
44
PA_VS2
Power Amplifier supply
45
PA_VS1
Power Amplifier supply
46
PA_ISET
Power Amplifier current limit set
47
Tx_FLAG
Transmitter ready flag
48
Rx_FLAG
Receiver ready flag
14
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com