Electronic Components Datasheet Search
  English  ▼

X  

OPA314 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA314
Description  3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA314 Datasheet(HTML) 3 Page - Texas Instruments

  OPA314 Datasheet HTML 1Page - Texas Instruments OPA314 Datasheet HTML 2Page - Texas Instruments OPA314 Datasheet HTML 3Page - Texas Instruments OPA314 Datasheet HTML 4Page - Texas Instruments OPA314 Datasheet HTML 5Page - Texas Instruments OPA314 Datasheet HTML 6Page - Texas Instruments OPA314 Datasheet HTML 7Page - Texas Instruments OPA314 Datasheet HTML 8Page - Texas Instruments OPA314 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
OPA314
OPA2314
OPA4314
www.ti.com
SBOS563B
– MAY 2011 – REVISED DECEMBER 2011
ELECTRICAL CHARACTERISTICS: VS = +1.8 V to +5.5 V
(1)
Boldface limits apply over the specified temperature range: TA = –40°C to +125°C.
At TA = +25 °C, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
OPA314, OPA2314, OPA4314
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VCM = (VS+) – 1.3 V
0.5
2.5
mV
dVOS/dT
vs Temperature
1
μV/°C
PSRR
vs Power supply
VCM = (VS+) – 1.3 V
78
92
dB
Over temperature
74
dB
Channel separation, dc
At dc
10
µV/V
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V
–) – 0.2
(V+) + 0.2
V
VS = 1.8 V to 5.5 V, (VS–) – 0.2 V < VCM < (VS+) – 1.3 V
75
96
dB
CMRR
Common-mode rejection ratio
VS = 5.5 V, VCM = –0.2 V to 5.7 V
(2)
66
80
dB
VS = 1.8 V, (VS–) – 0.2 V < VCM < (VS+) – 1.3 V
70
86
dB
Over temperature
VS = 5.5 V, (VS–) – 0.2 V < VCM < (VS+) – 1.3 V
73
90
dB
VS = 5.5 V, VCM = –0.2 V to 5.7 V
(2)
60
dB
INPUT BIAS CURRENT
IB
Input bias current
±0.2
±10
pA
Over temperature
TA = –40°C to +125°C
±600
pA
IOS
Input offset current
±0.2
±10
pA
Over temperature
TA = –40°C to +125°C
±600
pA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
5
μVPP
(peak-to-peak)
f = 10 kHz
13
nV/
√Hz
en
Input voltage noise density
f = 1 kHz
14
nV/
√Hz
in
Input current noise density
f = 1 kHz
5
fA/
√Hz
INPUT CAPACITANCE
Differential
VS = 5.0 V
1
pF
CIN
Common-mode
VS = 5.0 V
5
pF
OPEN-LOOP GAIN
VS = 1.8 V, 0.2 V < VO < (V+) – 0.2 V, RL = 10 kΩ
90
115
dB
VS = 5.5 V, 0.2 V < VO < (V+) – 0.2 V, RL = 10 kΩ
100
128
dB
AOL
Open-Loop Voltage Gain
VS = 1.8 V, 0.5 V < VO < (V+) – 0.5 V, RL = 2 kΩ
(2)
90
100
dB
VS = 5.5 V, 0.5 V < VO < (V+) – 0.5 V, RL = 2 kΩ
(2)
94
110
dB
VS = 5.5 V, 0.2 V < VO < (V+) – 0.2 V, RL = 10 kΩ
90
110
dB
Over temperature
VS = 5.5 V, 0.5 V < VO < (V+) – 0.2 V, RL = 2 kΩ
100
dB
Phase margin
VS = 5.0 V, G = +1, RL = 10 kΩ
65
deg
(1)
Parameters with MIN and/or MAX specification limits are 100% production tested at +25
ºC, unless otherwise noted. Over temperature
limits are based on characterization and statistical analysis.
(2)
Specified by design and/or characterization; not production tested.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA314 OPA2314 OPA4314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com