Electronic Components Datasheet Search
  English  ▼

X  

OPA314 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA314
Description  3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA314 Datasheet(HTML) 1 Page - Texas Instruments

  OPA314 Datasheet HTML 1Page - Texas Instruments OPA314 Datasheet HTML 2Page - Texas Instruments OPA314 Datasheet HTML 3Page - Texas Instruments OPA314 Datasheet HTML 4Page - Texas Instruments OPA314 Datasheet HTML 5Page - Texas Instruments OPA314 Datasheet HTML 6Page - Texas Instruments OPA314 Datasheet HTML 7Page - Texas Instruments OPA314 Datasheet HTML 8Page - Texas Instruments OPA314 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
OPA314
OPA2314
OPA4314
www.ti.com
SBOS563B
– MAY 2011 – REVISED DECEMBER 2011
3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS
OPERATIONAL AMPLIFIER
Check for Samples: OPA314, OPA2314, OPA4314
1
FEATURES
DESCRIPTION
The OPA314 family of single, dual, and quad channel
2
•
Low IQ: 190 µA/ch (max)
operational amplifiers represents a new generation of
•
Wide Supply Range: 1.8 V to 5.5 V
low-power,
general-purpose
CMOS
amplifiers.
•
Low Noise: 14 nV/
√Hz at 1 kHz
Rail-to-rail input and output swings, low quiescent
current (150
μA typ at 5.0 VS) combined with a wide
•
Gain Bandwidth: 3 MHz
bandwidth of 3 MHz, and very low noise (14 nV/
√Hz
•
Low Input Bias Current: 0.2 pA
at 1 kHz) make this family very attractive for a variety
•
Low Offset Voltage: 0.5 mV
of battery-powered applications that require a good
balance between cost and performance. The low
•
Unity-Gain Stable
input
bias
current
supports
applications
with
•
Internal RF/EMI Filter
mega-ohm source impedances.
•
Extended Temperature Range:
The robust design of the OPA314 devices provides
–40°C to +125°C
ease-of-use to the circuit designer: unity-gain stability
with capacitive loads of up to 300 pF, an integrated
APPLICATIONS
RF/EMI rejection filter, no phase reversal in overdrive
•
Battery-Powered Instruments:
conditions, and high ESD protection (4-kV HBM).
– Consumer, Industrial, Medical
These
devices
are
optimized
for
low-voltage
– Notebooks, Portable Media Players
operation as low as +1.8 V (
±0.9 V) and up to +5.5 V
(
±2.75 V), and are specified over the full extended
•
Photodiode Amplifiers
temperature range of
–40°C to +125°C.
•
Active Filters
The OPA314 (single) is available in both SC70-5 and
•
Remote Sensing
SOT23-5 packages. The OPA2314 (dual) is offered in
•
Wireless Metering
SO-8,
MSOP-8,
and
DFN-8
packages.
The
•
Handheld Test Equipment
quad-channel OPA4314 is offered in a TSSOP-14
package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA314 TI1-OPA314 Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314 Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI1-OPA314 Datasheet
1Mb / 38P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI2-OPA314 Datasheet
2Mb / 53P
OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
REVISED JUNE 2015
OPA314 TI2-OPA314 Datasheet
1Mb / 41P
OPAx314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
REVISED JANUARY 2017
More results

Similar Description - OPA314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com