Electronic Components Datasheet Search
  English  ▼

X  

OPA314 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA314
Description  3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA314 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA314 Datasheet HTML 4Page - Texas Instruments OPA314 Datasheet HTML 5Page - Texas Instruments OPA314 Datasheet HTML 6Page - Texas Instruments OPA314 Datasheet HTML 7Page - Texas Instruments OPA314 Datasheet HTML 8Page - Texas Instruments OPA314 Datasheet HTML 9Page - Texas Instruments OPA314 Datasheet HTML 10Page - Texas Instruments OPA314 Datasheet HTML 11Page - Texas Instruments OPA314 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
140
120
100
80
60
40
20
0
20
-
0
20
-
-
-
-
-
-
-
-
40
60
80
100
120
140
160
10
1
100
1k
10k
100k
1M
10M
Frequency (Hz)
R = 10 k /10 pF
V = 2.5 V
W
L
S
±
140
130
120
110
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
2 k , 5.5 V
W
10 k , 1.8 V
W
10 k , 5.5 V
W
180
170
160
150
140
130
120
110
100
90
80
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage (V)
160
155
150
145
140
135
130
125
120
-50
-25
0
25
50
75
100
125
Temperature (°C)
V = 1.8 V
S
V = 5.5 V
S
30
25
20
15
10
5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Offset Voltage Drift ( V/ C)
m
°
12
10
8
6
4
2
0
Offset Voltage (mV)
OPA314
OPA2314
OPA4314
SBOS563B
– MAY 2011 – REVISED DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
OPEN-LOOP GAIN AND PHASE
OPEN-LOOP GAIN
vs FREQUENCY
vs TEMPERATURE
Figure 1.
Figure 2.
QUIESCENT CURRENT
QUIESCENT CURRENT
vs SUPPLY
vs TEMPERATURE
Figure 3.
Figure 4.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
OFFSET VOLTAGE DRIFT DISTRIBUTION
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA314 OPA2314 OPA4314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com