Electronic Components Datasheet Search
  English  ▼

X  

OPA314 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA314
Description  3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA314 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA314 Datasheet HTML 3Page - Texas Instruments OPA314 Datasheet HTML 4Page - Texas Instruments OPA314 Datasheet HTML 5Page - Texas Instruments OPA314 Datasheet HTML 6Page - Texas Instruments OPA314 Datasheet HTML 7Page - Texas Instruments OPA314 Datasheet HTML 8Page - Texas Instruments OPA314 Datasheet HTML 9Page - Texas Instruments OPA314 Datasheet HTML 10Page - Texas Instruments OPA314 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
OPA314
OPA2314
OPA4314
www.ti.com
SBOS563B
– MAY 2011 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS
Table 1. Characteristic Performance Measurements
GRAPH/DESCRIPTION
FIGURE NO
Open-Loop Gain/Phase vs Frequency
Figure 1
Open-Loop Gain vs Temperature
Figure 2
Quiescent Current vs Supply Voltage
Figure 3
Quiescent Current vs Temperature
Figure 4
Offset Voltage Production Distribution
Figure 5
Offset Voltage Drift Distribution
Figure 6
Offset Voltage vs Common-Mode Voltage (Max Supply)
Figure 7
Offset Voltage vs Temperature
Figure 8
CMRR and PSRR vs Frequency (RTI)
Figure 9
CMRR and PSRR vs Temperature
Figure 10
0.1-Hz to 10-Hz Input Voltage Noise (5.5 V)
Figure 11
Input Voltage Noise Spectral Density vs Frequency (1.8 V, 5.5 V)
Figure 12
Input Voltage Noise vs Common Mode Voltage (5.5 V)
Figure 13
Input Bias and Offset Current vs Temperature
Figure 14
Open-Loop Output Impedance vs Frequency
Figure 15
Maximum Output Voltage vs Frequency and Supply Voltage
Figure 16
Output Voltage Swing vs Output Current (over Temp)
Figure 17
Closed-Loop Gain vs Frequency, G = 1,
–1, 10 (1.8 V)
Figure 18
Closed-Loop Gain vs Frequency, G = 1,
–1, 10 (5.5 V)
Figure 19
Small-Signal Overshoot vs Load Capacitance
Figure 20
Small-Signal Step Response, Noninverting (1.8 V)
Figure 21
Small-Signal Step Response, Noninverting ( 5.5 V)
Figure 22
Large-Signal Step Response, Noninverting (1.8 V)
Figure 23
Large-Signal Step Response, Noninverting ( 5.5 V)
Figure 24
Positive Overload Recovery
Figure 25
Negative Overload Recovery
Figure 26
No Phase Reversal
Figure 27
Channel Separation vs Frequency (Dual)
Figure 28
THD+N vs Amplitude (G = +1, 2k
Ω, 10kΩ)
Figure 29
THD+N vs Amplitude (G =
–1, 2kΩ, 10kΩ)
Figure 30
THD+N vs Frequency (0.5 VRMS, G = +1, 2kΩ, 10kΩ)
Figure 31
EMIRR
Figure 32
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA314 OPA2314 OPA4314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com