Electronic Components Datasheet Search
  English  ▼

X  

OPA314 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA314
Description  3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA314 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA314 Datasheet HTML 7Page - Texas Instruments OPA314 Datasheet HTML 8Page - Texas Instruments OPA314 Datasheet HTML 9Page - Texas Instruments OPA314 Datasheet HTML 10Page - Texas Instruments OPA314 Datasheet HTML 11Page - Texas Instruments OPA314 Datasheet HTML 12Page - Texas Instruments OPA314 Datasheet HTML 13Page - Texas Instruments OPA314 Datasheet HTML 14Page - Texas Instruments OPA314 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
40
20
0
20
-
10k
100k
1M
10M
Frequency (Hz)
G = 1 V/V
-
G = +1 V/V
G = +10 V/V
V = 5.5 V
S
0
200
400
600
800
1000
1200
Capacitive Load (pF)
70
60
50
40
30
20
10
0
V = ±2.75 V
Gain = +1 V/V
R = 10 kW
S
L
Time (1 s/div)
m
Z
Z
L
L
= 10 pF + 10 kW
= 100 pF + 10 kW
Gain = +1
V = ±0.9 V
R = 10 kW
S
F
V
IN
Time (1 s/div)
m
Z
Z
L
L
= 10 pF + 10 kW
= 100 pF + 10 kW
Gain = +1
V = ±2.75 V
R = 10 kW
S
F
V
IN
Time (1 s/div)
m
1
0.75
0.5
0.25
0
0.25
0.5
0.75
1
-
-
-
-
Gain = +1
V = ±0.9 V
R = 10 kW
S
L
V
IN
V
OUT
Time (1 s/div)
m
2
1.5
1
0.5
0
0.5
1
1.5
2
-
-
-
-
Gain = +1
V = ±2.75 V
R = 10 kW
S
L
V
IN
V
OUT
OPA314
OPA2314
OPA4314
www.ti.com
SBOS563B
– MAY 2011 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
CLOSED-LOOP GAIN vs FREQUENCY
SMALL-SIGNAL OVERSHOOT vs LOAD CAPACITANCE
Figure 19.
Figure 20.
SMALL-SIGNAL PULSE RESPONSE (NONINVERTING)
SMALL-SIGNAL PULSE RESPONSE (INVERTING)
Figure 21.
Figure 22.
LARGE-SIGNAL PULSE RESPONSE (NONINVERTING)
LARGE-SIGNAL PULSE RESPONSE (INVERTING)
Figure 23.
Figure 24.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA314 OPA2314 OPA4314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com