Electronic Components Datasheet Search
  English  ▼

X  

20ETF04FN Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 20ETF04FN
Description  Fast Soft Recovery Rectifier Diode, 20 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20ETF04FN Datasheet(HTML) 5 Page - Vishay Siliconix

  20ETF04FN Datasheet HTML 1Page - Vishay Siliconix 20ETF04FN Datasheet HTML 2Page - Vishay Siliconix 20ETF04FN Datasheet HTML 3Page - Vishay Siliconix 20ETF04FN Datasheet HTML 4Page - Vishay Siliconix 20ETF04FN Datasheet HTML 5Page - Vishay Siliconix 20ETF04FN Datasheet HTML 6Page - Vishay Siliconix 20ETF04FN Datasheet HTML 7Page - Vishay Siliconix 20ETF04FN Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94095
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 06-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
5
20ETF..FPPbF Soft Recovery Series
Fast Soft Recovery
Rectifier Diode, 20 A
Vishay Semiconductors
Fig. 13 - Recovery Current Characteristics, TJ = 150 °C
Fig. 14 - Thermal Impedance ZthJC Characteristics
100
60
0
0
200
400
600
800
1000
dI/dt - Rate of Fall of Forward Current (A/µs)
20
40
80
20ETF.. Series
T
J = 150 °C
I
FM = 30 A
I
FM = 20 A
I
FM = 10 A
I
FM = 5 A
I
FM = 1 A
1
10
10
0.0001
0.001
0.01
0.1
Square Wave Pulse Duration (s)
0.1
0.01
1
Steady state value
(DC operation)
20ETF.. Series
Single pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com