Electronic Components Datasheet Search
  English  ▼

X  

20ETF04FN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 20ETF04FN
Description  Fast Soft Recovery Rectifier Diode, 20 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20ETF04FN Datasheet(HTML) 1 Page - Vishay Siliconix

  20ETF04FN Datasheet HTML 1Page - Vishay Siliconix 20ETF04FN Datasheet HTML 2Page - Vishay Siliconix 20ETF04FN Datasheet HTML 3Page - Vishay Siliconix 20ETF04FN Datasheet HTML 4Page - Vishay Siliconix 20ETF04FN Datasheet HTML 5Page - Vishay Siliconix 20ETF04FN Datasheet HTML 6Page - Vishay Siliconix 20ETF04FN Datasheet HTML 7Page - Vishay Siliconix 20ETF04FN Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94095
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 06-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Fast Soft Recovery Rectifier Diode, 20 A
20ETF..FPPbF Soft Recovery Series
Vishay Semiconductors
FEATURES
• The fully isolated package (VINS = 2500 VRMS) is
UL E78996 approved
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
APPLICATIONS
• Output
rectification
and
freewheeling
in
inverters,
choppers and converters
• Input
rectifications
where
severe
restrictions
on
conducted EMI should be met
DESCRIPTION
The 20ETF..FPPbF soft recovery rectifier series has been
optimized for combined short reverse recovery time and low
forward voltage drop.
The glass passivation ensures stable reliable operation in
the most severe temperature and power cycling conditions.
PRODUCT SUMMARY
VF at 10 A
< 1.2 V
IFSM
300 A
VRRM
200 V to 600 V
TO-220AC FULL-PAK
Base
cathode
2
13
Anode
Cathode
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Sinusoidal waveform
20
A
VRRM
200 to 600
V
IFSM
300
A
VF
10 A, TJ = 25 °C
1.2
V
trr
1 A, 100 A/μs
60
ns
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
20ETF02FPPbF
200
300
5
20ETF04FPPbF
400
500
20ETF06FPPbF
600
700
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 94 °C, 180° conduction half sine wave
20
A
Maximum peak one cycle non-repetitive
surge current
IFSM
10 ms sine pulse, rated VRRM applied
250
10 ms sine pulse, no voltage reapplied
300
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
316
A2s
10 ms sine pulse, no voltage reapplied
442
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
4420
A2
s
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 20ETF04FN

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF04FP IRF-20ETF04FP Datasheet
208Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE TO-220 FULLPAK
logo
Inchange Semiconductor ...
20ETF04FP ISC-20ETF04FP Datasheet
266Kb / 2P
Fast Recovery Rectifier Diode
More results

Similar Description - 20ETF04FN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20ETF02PBF VISHAY-20ETF02PBF Datasheet
332Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
15-Apr-08
VS-20ETF0FPPBF VISHAY-VS-20ETF0FPPBF Datasheet
316Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
11-Feb-16
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
11-Feb-16
VS-20ETFFPPBF VISHAY-VS-20ETFFPPBF Datasheet
222Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
11-Feb-16
VS-20ETFPBF VISHAY-VS-20ETFPBF Datasheet
241Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
11-Feb-16
VS-20ETFFP-M3 VISHAY-VS-20ETFFP-M3 Datasheet
223Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
11-Feb-16
VS-20ETF06THM3 VISHAY-VS-20ETF06THM3 Datasheet
331Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
27-Mar-2019
VS-20ETFM3 VISHAY-VS-20ETFM3 Datasheet
258Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
18-Feb-2021
VS-20ETF02FP-M3 VISHAY-VS-20ETF02FP-M3_V01 Datasheet
307Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
15-Sep-17
VS-20ETF06THM3 VISHAY-VS-20ETF06THM3_V01 Datasheet
329Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
27-Mar-2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com