Electronic Components Datasheet Search
  English  ▼

X  

20ETF04FN Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 20ETF04FN
Description  Fast Soft Recovery Rectifier Diode, 20 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20ETF04FN Datasheet(HTML) 3 Page - Vishay Siliconix

  20ETF04FN Datasheet HTML 1Page - Vishay Siliconix 20ETF04FN Datasheet HTML 2Page - Vishay Siliconix 20ETF04FN Datasheet HTML 3Page - Vishay Siliconix 20ETF04FN Datasheet HTML 4Page - Vishay Siliconix 20ETF04FN Datasheet HTML 5Page - Vishay Siliconix 20ETF04FN Datasheet HTML 6Page - Vishay Siliconix 20ETF04FN Datasheet HTML 7Page - Vishay Siliconix 20ETF04FN Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94095
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 06-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
20ETF..FPPbF Soft Recovery Series
Fast Soft Recovery
Rectifier Diode, 20 A
Vishay Semiconductors
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
90
80
150
0
15
Average Forward Current (A)
10
520
110
25
130
100
140
120
20ETF.. Series
R
thJC (DC) = 1.5 K/W
Conduction angle
30°
60° 90° 120° 180°
Ø
90
80
150
025
Average Forward Current (A)
15
530
110
35
120
100
10
20
130
140
30°
60°
90°
120°
180°
DC
20ETF.. Series
R
thJC (DC) = 1.5 K/W
Ø
Conduction period
10
0
35
0
Average Forward Current (A)
20
20
25
25
15
10
15
5
5
30
180°
120°
90°
60°
30°
20ETF.. Series
T
J = 150 °C
Conduction angle
RMS limit
Ø
10
0
45
0
Average Forward Current (A)
25
25
35
35
15
10
15
40
520
30
180°
120°
90°
60°
30°
DC
RMS limit
Ø
Conduction period
20ETF.. Series
T
J = 150 °C
30
20
5
300
50
1
10
100
Number of Equal Amplitude Half Cycle
Current Pulses (N)
200
100
150
250
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
20ETF.. Series
400
150
50
0.001
0.01
1
Pulse Train Duration (s)
300
100
200
250
350
550
Maximum non-repetitive surge current
versus pulse train duration.
20ETF.. Series
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
0.1
450
500



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com