Electronic Components Datasheet Search
  English  ▼

X  

MAX6730 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX6730
Description  Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6730 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX6730 Datasheet HTML 7Page - Maxim Integrated Products MAX6730 Datasheet HTML 8Page - Maxim Integrated Products MAX6730 Datasheet HTML 9Page - Maxim Integrated Products MAX6730 Datasheet HTML 10Page - Maxim Integrated Products MAX6730 Datasheet HTML 11Page - Maxim Integrated Products MAX6730 Datasheet HTML 12Page - Maxim Integrated Products MAX6730 Datasheet HTML 13Page - Maxim Integrated Products MAX6730 Datasheet HTML 14Page - Maxim Integrated Products MAX6730 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Single-/Dual-/Triple-Voltage µP Supervisory
Circuits with Independent Watchdog Output
14
______________________________________________________________________________________
___________________Chip Information
PROCESS: BiCMOS
GND
MR
WDO
16
VCC1
5
WDI
RST
MAX6730
MAX6731
SOT23-6
TOP VIEW
2
34
GND
VCC2
WDO
16
VCC1
5
WDI
RST
MAX6732
MAX6733
SOT23-6
SOT23-8
2
34
VCC2
MR
WDO
1
2
8
7
VCC1
RSTIN
GND
WDI
RST
3
4
6
5
MAX6734
MAX6735
Pin Configurations
MAX6734
MAX6735
+0.9V
VCORE
+3.3V
+1.8V
MR
GND
RSTIN
RST
WDI
WDO
PUSHBUTTON
SWITCH
RESET
µP
NMI
I/O
VCC
(I/O)
VDD
(MEMORY)
VCC1
VCC2
GND
Typical Operating Circuit
Selector Guide
PART NUMBER
VOLTAGE
MONITORS
RST OUTPUT
MANUAL RESET
WATCHDOG
INPUT
WATCHDOG
OUTPUT
MAX6730
1
Open Drain
√√
Open Drain
MAX6731
1
Push-Pull
√√
Push-Pull
MAX6732
2
Open Drain
—
√
Open Drain
MAX6733
2
Push-Pull
—
√
Push-Pull
MAX6734
3
Open Drain
√√
Open Drain
MAX6735
3
Push-Pull
√√
Push-Pull
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
6 SOT23
U6-1
21-0058
90-0175
8 SOT23
K85N-1
21-0078
90-0176
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com