Electronic Components Datasheet Search
  English  ▼

X  

MAX6730 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6730
Description  Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6730 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6730 Datasheet HTML 1Page - Maxim Integrated Products MAX6730 Datasheet HTML 2Page - Maxim Integrated Products MAX6730 Datasheet HTML 3Page - Maxim Integrated Products MAX6730 Datasheet HTML 4Page - Maxim Integrated Products MAX6730 Datasheet HTML 5Page - Maxim Integrated Products MAX6730 Datasheet HTML 6Page - Maxim Integrated Products MAX6730 Datasheet HTML 7Page - Maxim Integrated Products MAX6730 Datasheet HTML 8Page - Maxim Integrated Products MAX6730 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Single-/Dual-/Triple-Voltage µP Supervisory
Circuits with Independent Watchdog Output
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC1 = VCC2 = +0.8V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC1,
VCC2
0.8
5.5
V
VCC1 < +5.5V, all I/O connections
open, outputs not asserted
15
39
ICC1
VCC1 < +3.6V, all I/O connections
open, outputs not asserted
10
28
VCC2 < +3.6V, all I/O connections
open, outputs not asserted
411
Supply Current
ICC2
VCC2 < +2.75V, all I/O connections
open, outputs not asserted
39
µA
L (falling)
4.500
4.625
4.750
M (falling)
4.250
4.375
4.500
T (falling)
3.000
3.075
3.150
S (falling)
2.850
2.925
3.000
R (falling)
2.550
2.625
2.700
Z (falling)
2.250
2.313
2.375
Y (falling)
2.125
2.188
2.250
W (falling)
1.620
1.665
1.710
VCC1 Reset Threshold
VTH1
V (falling)
1.530
1.575
1.620
V
VCC1, VCC2, RSTIN, MR, WDI to GND.....................-0.3V to +6V
RST, WDO to GND (open drain)...............................-0.3V to +6V
RST, WDO to GND (push-pull) .................-0.3V to (VCC1 + 0.3V)
Input Current/Output Current (all pins) ...............................20mA
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23-6 (derate 8.7mW/°C above +70°C) ........696mW
8-Pin SOT23-8 (derate 8.9mW/°C above +70°C) ........714mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Lead (Pb)-free packages.............................................+260°C
Package containing lead (Pb) .....................................+240°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com