Electronic Components Datasheet Search
  English  ▼

X  

MAX6730 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6730
Description  Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6730 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6730 Datasheet HTML 2Page - Maxim Integrated Products MAX6730 Datasheet HTML 3Page - Maxim Integrated Products MAX6730 Datasheet HTML 4Page - Maxim Integrated Products MAX6730 Datasheet HTML 5Page - Maxim Integrated Products MAX6730 Datasheet HTML 6Page - Maxim Integrated Products MAX6730 Datasheet HTML 7Page - Maxim Integrated Products MAX6730 Datasheet HTML 8Page - Maxim Integrated Products MAX6730 Datasheet HTML 9Page - Maxim Integrated Products MAX6730 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Single-/Dual-/Triple-Voltage µP Supervisory
Circuits with Independent Watchdog Output
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC1 = +5V, VCC2 = +3.3V, TA = +25°C, unless otherwise noted.)
12
14
16
18
20
22
24
26
28
30
10
RSTIN TO RESET OUTPUT DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
-45
85
MAXIMUM VCC_ TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE (mV)
10
100
100
1000
10,000
10
1
1000
RST ASSERTS
ABOVE THIS LINE
MR TO RESET OUTPUT DELAY
MAX6730-35 toc08
40ns/div
MR
2V/div
RST
2V/div
VCC_ TO RESET OUTPUT DELAY
vs. TEMPERATURE (100mV OVERDRIVE)
TEMPERATURE (
°C)
60
35
-15
10
45
50
55
60
65
70
75
80
40
-45
85
NORMALIZED TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.9995
1.0000
1.0005
1.0010
1.0015
1.0020
1.0025
1.0030
1.0035
1.0040
0.9990
-40
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com