Electronic Components Datasheet Search
  English  ▼

X  

MAX6730 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6730
Description  Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6730 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6730 Datasheet HTML 1Page - Maxim Integrated Products MAX6730 Datasheet HTML 2Page - Maxim Integrated Products MAX6730 Datasheet HTML 3Page - Maxim Integrated Products MAX6730 Datasheet HTML 4Page - Maxim Integrated Products MAX6730 Datasheet HTML 5Page - Maxim Integrated Products MAX6730 Datasheet HTML 6Page - Maxim Integrated Products MAX6730 Datasheet HTML 7Page - Maxim Integrated Products MAX6730 Datasheet HTML 8Page - Maxim Integrated Products MAX6730 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Single-/Dual-/Triple-Voltage µP Supervisory
Circuits with Independent Watchdog Output
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC1 = VCC2 = +0.8V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
T (falling)
3.000
3.075
3.150
S (falling)
2.850
2.925
3.000
R (falling)
2.550
2.625
2.700
Z (falling)
2.250
2.313
2.375
Y (falling)
2.125
2.188
2.250
W (falling)
1.620
1.665
1.710
V (falling)
1.530
1.575
1.620
I (falling)
1.350
1.388
1.425
H (falling)
1.275
1.313
1.350
G (falling)
1.080
1.110
1.140
F (falling)
1.020
1.050
1.080
E (falling)
0.810
0.833
0.855
VCC2 Reset Threshold
VTH2
D (falling)
0.765
0.788
0.810
V
Reset Threshold Tempco
20
ppm/
oC
Reset Threshold Hysteresis
VHYST
Referenced to VTH typical
0.5
%
VCC_ to RST Output Delay
tRD
VCC1 = (VTH1 + 100mV) to
(VTH1 - 100mV) or
VCC2 = (VTH2 + 75mV) to
(VTH2 - 75mV)
45
µs
D1
1.1
1.65
2.2
D2
8.8
13.2
17.6
D3
140
210
280
D5
280
420
560
D6
560
840
1120
Reset Timeout Period
tRP
D4
1120
1680
2240
ms
ADJUSTABLE RESET COMPARATOR INPUT (MAX6734/MAX6735)
RSTIN Input Threshold
VRSTIN
611
626.5
642
mV
RSTIN Input Current
IRSTIN
-25
+25
nA
RSTIN Hysteresis
3mV
RSTIN to Reset Output Delay
tRSTIND
VRSTIN to (VRSTIN - 30mV)
22
µs
MANUAL RESET INPUT (MAX6730/MAX6731/MAX6734/MAX6735)
VIL
0.3
× VCC1
MR Input Threshold
VIH
0.7
× VCC1
V
MR Minimum Pulse Width
1
µs
MR Glitch Rejection
100
ns
MR to Reset Output Delay
tMR
200
ns
MR Pullup Resistance
25
50
80
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com