Electronic Components Datasheet Search
  English  ▼

X  

MAX6730 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6730
Description  Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6730 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6730 Datasheet HTML 1Page - Maxim Integrated Products MAX6730 Datasheet HTML 2Page - Maxim Integrated Products MAX6730 Datasheet HTML 3Page - Maxim Integrated Products MAX6730 Datasheet HTML 4Page - Maxim Integrated Products MAX6730 Datasheet HTML 5Page - Maxim Integrated Products MAX6730 Datasheet HTML 6Page - Maxim Integrated Products MAX6730 Datasheet HTML 7Page - Maxim Integrated Products MAX6730 Datasheet HTML 8Page - Maxim Integrated Products MAX6730 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Single-/Dual-/Triple-Voltage µP Supervisory
Circuits with Independent Watchdog Output
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC1 = VCC2 = +0.8V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
WATCHDOG INPUT
tWD-L
First watchdog period after reset
timeout period
35
54
72
Watchdog Timeout Period
tWD-S
Normal mode
1.12
1.68
2.24
s
WDI Pulse Width
tWDI
(Note 2)
50
ns
VIL
0.3
× VCC1
WDI Input Voltage
VIH
0.7
× VCC1
V
WDI Input Current
IWDI
VWDI = 0V or VCC1-1
+1
µA
RESET/WATCHDOG OUTPUT
VCC1 or VCC2
≥ +0.8V,
ISINK = 1µA, output asserted
0.3
VCC1 or VCC2
≥ +1.0V,
ISINK = 50µA, output asserted
0.3
VCC1 or VCC2
≥ +1.2V,
ISINK = 100µA, output asserted
0.3
VCC1 or VCC2
≥ +2.7V,
ISINK = 1.2mA, output asserted
0.3
RST / WDO Output Low Voltage
(Push-Pull or Open Drain)
VOL
VCC1 or VCC2
≥ +4.5V,
ISINK = 3.2mA, output asserted
0.4
V
VCC1
≥ +1.8V, ISOURCE = 200µA,
output not asserted
0.8
× VCC1
VCC1
≥ +2.7V, ISOURCE = 500µA,
output not asserted
0.8
× VCC1
RST / WDO Output High Voltage
(Push-Pull Only)
VOH
VCC1
≥ +4.5V, ISOURCE = 800µA,
output not asserted
0.8
× VCC1
V
RST / WDO Output Open-Drain
Leakage Current
Output not asserted
0.5
µA
Note 1: Devices tested at TA = +25°C. Overtemperature limits are guaranteed by design and not production tested.
Note 2: Parameter guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com