Electronic Components Datasheet Search
  English  ▼

X  

MAX6321 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6321
Description  5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6321 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6321 Datasheet HTML 3Page - Maxim Integrated Products MAX6321 Datasheet HTML 4Page - Maxim Integrated Products MAX6321 Datasheet HTML 5Page - Maxim Integrated Products MAX6321 Datasheet HTML 6Page - Maxim Integrated Products MAX6321 Datasheet HTML 7Page - Maxim Integrated Products MAX6321 Datasheet HTML 8Page - Maxim Integrated Products MAX6321 Datasheet HTML 9Page - Maxim Integrated Products MAX6321 Datasheet HTML 10Page - Maxim Integrated Products MAX6321 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
_______________________________________________________________________________________
7
Bidirectional
R
RE
ES
SE
ET
T Output
The MAX6316M/MAX6318MH/MAX6319MH are designed
to interface with µPs that have bidirectional reset pins,
such as the Motorola 68HC11. Like an open-drain output,
these devices allow the µP or other devices to pull the
bidirectional reset (RESET) low and assert a reset condi-
tion. However, unlike a standard open-drain output, it
includes the commonly specified 4.7k
Ω pullup resistor
with a P-channel active pullup in parallel.
This configuration allows the MAX6316M/MAX6318MH/
MAX6319MH to solve a problem associated with µPs
that have bidirectional reset pins in systems where sev-
eral devices connect to RESET (Figure 3). These µPs
can often determine if a reset was asserted by an exter-
nal device (i.e., the supervisor IC) or by the µP itself
(due to a watchdog fault, clock error, or other source),
and then jump to a vector appropriate for the source of
the reset. However, if the µP does assert reset, it does
not retain the information, but must determine the
cause after the reset has occurred.
The following procedure describes how this is done in
the Motorola 68HC11. In all cases of reset, the µP pulls
RESET low for about four external-clock cycles. It then
releases RESET, waits for two external-clock cycles,
then checks RESET’s state. If RESET is still low, the µP
concludes that the source of the reset was external
and, when RESET eventually reaches the high state, it
jumps to the normal reset vector. In this case, stored-
state information is erased and processing begins from
scratch. If, on the other hand, RESET is high after a
delay of two external-clock cycles, the processor
knows that it caused the reset itself and can jump to a
different vector and use stored-state information to
determine what caused the reset.
A problem occurs with faster µPs; two external-clock
cycles are only 500ns at 4MHz. When there are several
devices on the reset line, and only a passive pullup resis-
tor is used, the input capacitance and stray capacitance
can prevent RESET from reaching the logic high state (0.8
 VCC) in the time allowed. If this happens, all resets will
be interpreted as external. The µP output stage is guaran-
teed to sink 1.6mA, so the rise time can not be reduced
considerably by decreasing the 4.7k
Ω internal pullup
resistance. See Bidirectional Pullup Characteristics in the
Typical Operating Characteristics.
The MAX6316M/MAX6318MH/MAX6319MH overcome
this problem with an active pullup FET in parallel with the
4.7k
Ω resistor (Figures 4 and 5). The pullup transistor
holds RESET high until the µP reset I/O or the supervisory
circuit itself forces the line low. Once RESET goes below
VPTH, a comparator sets the transition edge flip-flop, indi-
cating that the next transition for RESET will be low to
high. When RESET is released, the 4.7k
Ω resistor pulls
RESET up toward VCC. Once RESET rises above VPTH
but is below (0.85 x VCC), the active P-channel pullup
turns on. Once RESET rises above (0.85 x VCC) or the
2µs one-shot times out, the active pullup turns off. The
parallel combination of the 4.7k
Ω pullup and the
4.7k
Ω
MR**
CIN
RESET
RESET
CIRCUITRY
RESET***
WDI*
VCC
MAX6316M
MAX6318MH
MAX6319MH
CSTRAY
68HC11
RESET
CIRCUITRY
CIN
RESET
VCC
OTHER DEVICES
CIN
RESET
MAX6316M/MAX6318MH
MAX6316M/MAX6319MH
ACTIVE-HIGH PUSH/PULL MAX6318MH/MAX6319MH
*
**
***
Figure 3. MAX6316M/MAX6318MH/MAX6319MH Supports Additional Devices on the Reset Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com