Electronic Components Datasheet Search
  English  ▼

X  

MAX6321 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6321
Description  5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6321 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6321 Datasheet HTML 4Page - Maxim Integrated Products MAX6321 Datasheet HTML 5Page - Maxim Integrated Products MAX6321 Datasheet HTML 6Page - Maxim Integrated Products MAX6321 Datasheet HTML 7Page - Maxim Integrated Products MAX6321 Datasheet HTML 8Page - Maxim Integrated Products MAX6321 Datasheet HTML 9Page - Maxim Integrated Products MAX6321 Datasheet HTML 10Page - Maxim Integrated Products MAX6321 Datasheet HTML 11Page - Maxim Integrated Products MAX6321 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
8
_______________________________________________________________________________________
VCC
MAX6316M
MAX6318MH
MAX6319MH
LASER-
TRIMMED
RESISTORS
VREF
VCC
52k
Ω
MR
WDI
(MAX6316M/
MAX6318MH)
(MAX6316M/
MAX6319MH)
RESET
GENERATOR
2
µs ONE SHOT
2
µs ONE SHOT
WATCHDOG ON
CIRCUITRY
TRANSITION
FLIP-FLOP
RQ
S
FF
VCC
4.7k
Ω
RESET
ACTIVE PULLUP
ENABLE COMPARATOR
0.65V
0.85VCC
GND
Figure 4. MAX6316/MAX6318MH/MAX6319MH Bidirectional Reset Output Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com