Electronic Components Datasheet Search
  English  ▼

X  

MAX6321 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6321
Description  5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6321 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6321 Datasheet HTML 2Page - Maxim Integrated Products MAX6321 Datasheet HTML 3Page - Maxim Integrated Products MAX6321 Datasheet HTML 4Page - Maxim Integrated Products MAX6321 Datasheet HTML 5Page - Maxim Integrated Products MAX6321 Datasheet HTML 6Page - Maxim Integrated Products MAX6321 Datasheet HTML 7Page - Maxim Integrated Products MAX6321 Datasheet HTML 8Page - Maxim Integrated Products MAX6321 Datasheet HTML 9Page - Maxim Integrated Products MAX6321 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
6
_______________________________________________________________________________________
_______________Detailed Description
A microprocessor’s (µP) reset input starts or restarts the
µP in a known state. The reset output of the MAX6316–
MAX6322 µP supervisory circuits interfaces with the
reset input of the µP, preventing code-execution errors
during power-up, power-down, and brownout condi-
tions (see the
Typical Operating Circuit). The MAX6316/
MAX6317/MAX6318/MAX6320/MAX6321 are also capa-
ble of asserting a reset should the µP become stuck in
an infinite loop.
Reset Output
The MAX6316L/MAX6318LH/MAX6319LH feature an
active-low reset output, while the MAX6317H/
MAX6318_H/MAX6319_H/MAX6321HP/MAX6322HP
feature an active-high reset output. RESET is guaran-
teed to be a logic low and RESET is guaranteed to be a
logic high for VCC down to 1V.
The MAX6316–MAX6322 assert reset when VCC is below
the reset threshold (VRST), when MR is pulled low
(MAX6316_/MAX6317H/MAX6319_H/MAX6320P/
MAX6322HP only), or if the WDI pin is not serviced within
the watchdog timeout period (tWD). Reset remains assert-
ed for the specified reset active timeout period (tRP) after
VCC rises above the reset threshold, after MR transitions
low to high, or after the watchdog timer asserts the reset
(MAX6316_/MAX6317H/MAX6318_H/MAX6320P/
MAX6321HP). After the reset active timeout period (tRP)
expires, the reset output deasserts, and the watchdog
timer restarts from zero (Figure 2).
MAX6316–MAX6322
VCC
VCC
WDI
(ALL EXCEPT
MAX6319/MAX6322)
1.23V
52k
Ω
52k
Ω
GND
RESET
(ALL EXCEPT
MAX6316/MAX6320P)
RESET
(ALL EXCEPT MAX6317)
MR
(ALL EXCEPT
MAX6318/MAX6321)
RESET
GENERATOR
WATCHDOG
TIMER
WATCHDOG
TRANSITION
DETECTOR
Figure 1. Functional Diagram
VCC
1V
1V
tRD
VRST
VRST
tRD
RESET
GND
RESET
tRP
tRP
GND
Figure 2. Reset Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com