Electronic Components Datasheet Search
  English  ▼

X  

MAX6321 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6321
Description  5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6321 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6321 Datasheet HTML 1Page - Maxim Integrated Products MAX6321 Datasheet HTML 2Page - Maxim Integrated Products MAX6321 Datasheet HTML 3Page - Maxim Integrated Products MAX6321 Datasheet HTML 4Page - Maxim Integrated Products MAX6321 Datasheet HTML 5Page - Maxim Integrated Products MAX6321 Datasheet HTML 6Page - Maxim Integrated Products MAX6321 Datasheet HTML 7Page - Maxim Integrated Products MAX6321 Datasheet HTML 8Page - Maxim Integrated Products MAX6321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
2
1
4
3
8
7
6
5
10
9
-40
0
20
-20
40
60
80
100
MAX6316/MAX6317/MAX6318/MAX6320/MAX6321
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
VCC = 3V
VCC = 1V
0
30
20
10
50
40
90
80
70
60
100
-40
-20
0
20
40
60
80
100
VCC FALLING TO RESET PROPAGATION
DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
VCC FALLING AT 1mV/
µs
VRST - VCC = 100mV
140
180
160
240
220
200
300
280
260
320
-40
0
20
-20
40
60
80
100
MAX6316/MAX6317/MAX6319/MAX6320/MAX6322
MANUAL RESET TO RESET
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
0.95
0.98
0.97
0.96
1.00
0.99
1.04
1.03
1.02
1.01
1.05
-40
-20
0
20
40
60
80
100
NORMALIZED RESET TIMEOUT
PERIOD vs. TEMPERATURE
TEMPERATURE (
°C)
0.95
0.98
0.97
0.96
1.00
0.99
1.04
1.03
1.02
1.01
1.05
-40
-20
0
20
40
60
80
100
MAX6316/MAX6317/MAX6318/MAX6320/MAX6321
NORMALIZED WATCHDOG TIMEOUT
PERIOD vs. TEMPERATURE
TEMPERATURE (
°C)
80
0
10
100
1000
MAXIMUM VCC TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
20
10
RESET THRESHOLD OVERDRIVE (mV) VRST - VCC
30
50
60
40
70
VRST = 3.3V
VRST = 4.63V
VRST = 2.63V
RESET OCCURS ABOVE LINES
PASSIVE
4.7k
Ω
PULLUP
2V/div
RESET, ACTIVE
PULLUP
2V/div
RESET
INPUT
5V/div
200ns/div
MAX6316M/6318MH/6319MH
BIDIRECTIONAL
PULLUP CHARACTERISTICS
MAX6316toc07
100pF
4.7k
Ω
+5V
74HC05
74HC05
VCC
GND
MR
100pF
INPUT
INPUT
+5V
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com