Electronic Components Datasheet Search
  English  ▼

X  

MAX6321 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6321
Description  5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6321 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6321 Datasheet HTML 1Page - Maxim Integrated Products MAX6321 Datasheet HTML 2Page - Maxim Integrated Products MAX6321 Datasheet HTML 3Page - Maxim Integrated Products MAX6321 Datasheet HTML 4Page - Maxim Integrated Products MAX6321 Datasheet HTML 5Page - Maxim Integrated Products MAX6321 Datasheet HTML 6Page - Maxim Integrated Products MAX6321 Datasheet HTML 7Page - Maxim Integrated Products MAX6321 Datasheet HTML 8Page - Maxim Integrated Products MAX6321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
1
1
—
MAX6316M/MAX6318MH/MAX6319MH:
Bidirectional, Active-Low, Reset Output.
Intended to interface directly to microprocessors
with bidirectional resets such as the Motorola
68HC11.
MAX6320P/MAX6321HP/MAX6322HP:
Open-Drain, Active-Low, Reset Output. NMOS out-
put (sinks current only). Connect a pullup resistor
from RESET to any supply voltage up to 6V.
MAX6316L/MAX6318LH/MAX6319LH:
Active-Low, Reset Output. CMOS push/pull
output (sources and sinks current).
RESET
1
4
—
5
3
2
MAX6319LH
MAX6319MH
MAX6322HP
PIN
—
4
5
3
2
MAX6318LH
MAX6318MH
MAX6321HP
3
4
5
1
2
MAX6317H
Active-Low, Manual Reset Input. Pull low to force a
reset. Reset remains asserted for the duration of
the Reset Timeout Period after MR transitions from
low to high. Leave unconnected or connected to
VCC if not used.
MR
3
Watchdog Input. Triggers a reset if it remains
either high or low for the duration of the watchdog
timeout period. The internal watchdog timer clears
whenever a reset asserts or whenever WDI sees a
rising or falling edge. To disable the watchdog fea-
ture, leave WDI unconnected or three-state the dri-
ver connected to WDI.
WDI
4
Supply Voltage. Reset is asserted when VCC
drops below the Reset Threshold Voltage (VRST).
Reset remains asserted until VCC rises above
VRST and for the duration of the Reset Timeout
Period (tRP) once VCC rises above VRST.
VCC
5
Active-High, Reset Output. CMOS push/pull output
(sources and sinks current). Inverse of RESET.
RESET
—
Ground
GND
2
MAX6316L
MAX6316M
MAX6320P
FUNCTION
NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com