Electronic Components Datasheet Search
  English  ▼

X  

EPC120 Datasheet(PDF) 3 Page - Espros Photonics corp

Part # EPC120
Description  Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC120 Datasheet(HTML) 3 Page - Espros Photonics corp

  EPC120 Datasheet HTML 1Page - Espros Photonics corp EPC120 Datasheet HTML 2Page - Espros Photonics corp EPC120 Datasheet HTML 3Page - Espros Photonics corp EPC120 Datasheet HTML 4Page - Espros Photonics corp EPC120 Datasheet HTML 5Page - Espros Photonics corp EPC120 Datasheet HTML 6Page - Espros Photonics corp EPC120 Datasheet HTML 7Page - Espros Photonics corp EPC120 Datasheet HTML 8Page - Espros Photonics corp EPC120 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
epc120
Symbol
Parameter
Conditions/Comments
Values
Units
Ipulse
Maximum Input Pulse Current
If the input current pulse is above this level, the
recovery time tREC is undefined (refer to section 'Other
Parameters')
dependent on settings
µA
tPulse
LED Pulse Length
Programmable between
1 and 8
µs
trelax
Relaxation time
After a strong current pulse (Ipulse = 100µA)
dependent on settings
µs
Other Parameters
(typical values, Tamb = 25°C, VDD = 5.0V)
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
3
Datasheet epc12x - V2.1
www.espros.ch
Figure 1: Input Sensitivity vs. LED pulse width
0
1
2
3
4
5
6
40
50
60
70
80
90
100
110
120
Pulse width [us]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com