Electronic Components Datasheet Search
  English  ▼

X  

EPC120 Datasheet(PDF) 14 Page - Espros Photonics corp

Part # EPC120
Description  Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC120 Datasheet(HTML) 14 Page - Espros Photonics corp

Back Button EPC120 Datasheet HTML 10Page - Espros Photonics corp EPC120 Datasheet HTML 11Page - Espros Photonics corp EPC120 Datasheet HTML 12Page - Espros Photonics corp EPC120 Datasheet HTML 13Page - Espros Photonics corp EPC120 Datasheet HTML 14Page - Espros Photonics corp EPC120 Datasheet HTML 15Page - Espros Photonics corp EPC120 Datasheet HTML 16Page - Espros Photonics corp EPC120 Datasheet HTML 17Page - Espros Photonics corp EPC120 Datasheet HTML 18Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
epc120
7. Parameter Setting Registers 2/18
Parameter
Name
Register No.
Bit No.
Function
ROM
RAM
FUSEBIT
2
18
0
This bit will automatically be set when register 18 is programmed.
0
Values
0
Register 18 is not programmed
1
Register 18 is programmed
SENSN
2
18
3..1
Lower threshold setting of the receiver input (sensitivity). A lower value increases the sens -
itivity. A too sensitive setting leads to false readings because of shot noise of the receiver
photo diode and the internal amplifier (typ. input noise level is 7nA RMS without photo di -
ode). Also induced EMI can lead to false readings if the sensitivity is set too low. The EMI
sensitivity is heavily depending on the system architecture and the electromechanical
design. The better the shielding of the chip and the photo diode and the better the PCB
layout, the better the EMI immunity.
The tolerance of the threshold is approx. ±25%.
3
2
1
Values
Default Setting
Recommended Setting
0
0
0
24nA
X
0
0
1
36nA
0
1
0
48nA
0
1
1
60nA
X
1
0
0
72nA
1
0
1
84nA
1
1
0
96nA
1
1
1
108nA
SENSH
2
18
6..4
Upper threshold setting of the receiver input (light reserve level). The tolerance of the
threshold is approx. ±25%.
6
5
4
Values
Default Setting
Recommended Setting
0
0
0
60nA
X
Set this value 50% above
the value set at SENSN,
i.e., if SENSN is set to
48nA, set SENSH to 72nA
0
0
1
72nA
0
1
0
84nA
0
1
1
96nA
1
0
0
108nA
1
0
1
120nA
1
1
0
132nA
1
1
1
144nA
SLOW
2
18
7
no function, must be set to “1”
IVCOFF
2
18
8
no function, must be set to “0”
SENSLC
2
18
9
must be set to “1”
n/a
2
18
12..10
no function, must be set to “0”
TSET
2
18
15..13
Settling time delay from inactive to active mode.
15
14
13
Values
Default Setting
Comments
0
0
0
0
X
If TSCAN >=60μs
0
0
1
1
If TSCAN <60μs
Table 5: epc120 Registers 2 and 18
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
14
Datasheet epc12x - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com