Electronic Components Datasheet Search
  English  ▼

X  

EPC120 Datasheet(PDF) 9 Page - Espros Photonics corp

Part # EPC120
Description  Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC120 Datasheet(HTML) 9 Page - Espros Photonics corp

Back Button EPC120 Datasheet HTML 5Page - Espros Photonics corp EPC120 Datasheet HTML 6Page - Espros Photonics corp EPC120 Datasheet HTML 7Page - Espros Photonics corp EPC120 Datasheet HTML 8Page - Espros Photonics corp EPC120 Datasheet HTML 9Page - Espros Photonics corp EPC120 Datasheet HTML 10Page - Espros Photonics corp EPC120 Datasheet HTML 11Page - Espros Photonics corp EPC120 Datasheet HTML 12Page - Espros Photonics corp EPC120 Datasheet HTML 13Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
epc120
Figure 7 shows the different messages with the parity bits. From the interface to the sensor/transmitter device the “normal command” is used
except for the register write command. In the other direction only the register readout has a different format. Notice the different start bits
which identify the direction of the transmission: 00 for the direction interface to sensor devices and 01 in the other direction. Between the
telegrams, an idle time of 2 clock periods are need to detect the start of the transmission.
Figure 7: Message Structure
Bus Wire Considerations
The electromechanical design of a system using multiple epc10x devices on a twisted pair cable with an impedance of typically 100 Ohms has
an impact on the overall impedance of the system. Figure 8 shows the change of the cable impedance with smaller element pitch.
Figure 8: Line impedance as a function of the element pitch
on a 100 Ohm twisted pair cable
It is highly recommended to terminate the bus line on both sides with an AC terminator network (shown in Figure 9) which matches the overall
impedance of the system according to Figure 8. In order to avoid high DC currents in the termination resistor, a capacitor of 100nF should be
connected in series to the termination resistor.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
9
Datasheet epc12x - V2.1
www.espros.ch
Figure 9: Bus termination network
R
T
100nF
A
0 A1 A2 A3 A4 A5 A6 A7 A8 A9 C0 C1 C2 P0 P1 P2 P3 P4 P5 P6 P7 P8 P9
Device Address
Command
Parity Bits
A
0 A1 A2
A
8 A9
C
0 C1 C2 P0 P1
P
8 P9 R0 R1 R2 R3 R4 D0 D1
D
14 D15 P0 P1
P
8 P9
Device Address
Command
Parity Bits
Parity Bits
Data
Register
P
0 P1
P
8 P9
Parity Bits
D
0 D1
D
9 D10
Data
A
0 A1 A2
A
8 A9
Device Address
R
0 R1 R2 R3 R4 D0 D1
D
14 D15 P0 P1
P
8 P9
Parity Bits
Data
Register
Normal Command
Write Command
Results
Register Readout
1.0
1.8
3.2
5.6 10.0 17.8 31.6 56.2 100.0
0
20
40
60
80
100
120
Pitch [cm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com