Electronic Components Datasheet Search
  English  ▼

X  

EPC120 Datasheet(PDF) 6 Page - Espros Photonics corp

Part # EPC120
Description  Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC120 Datasheet(HTML) 6 Page - Espros Photonics corp

Back Button EPC120 Datasheet HTML 2Page - Espros Photonics corp EPC120 Datasheet HTML 3Page - Espros Photonics corp EPC120 Datasheet HTML 4Page - Espros Photonics corp EPC120 Datasheet HTML 5Page - Espros Photonics corp EPC120 Datasheet HTML 6Page - Espros Photonics corp EPC120 Datasheet HTML 7Page - Espros Photonics corp EPC120 Datasheet HTML 8Page - Espros Photonics corp EPC120 Datasheet HTML 9Page - Espros Photonics corp EPC120 Datasheet HTML 10Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
epc120
3. System Concept
In a system with several reflective light barrier beams, each individual light barrier contains an emitter and a receiver. They are located at the
same place. As a receiver acts a photodiode and as an emitter a LED. Both can be controlled by only one single epc120. In contrast to the
epc11x-family, which are also light barrier chips, the epc120 can be used in a large distributed system. The devices are synchronized over the
2-wire bus line, organized by one epc100 and a microcontroller.
Figure 4 shows a typical distributed light barrier setup with five elements. Each element consist of an epc120, an emitter (LED), a receiver
(photodiode) and a few other components. Every element is connected to the 2-wire bus1, which is controlled by a microcontroller through an
epc100. Because every epc120 element has a unique address, the microcontroller has individual access to all bus components.
Each of the epc120 elements sends light, typically infrared light, focused towards a reflector or an object. It reflects the light back to the
photodiode. If multiple sensors like this would be operated in close proximity, scattered light from all sensors are probably reflected to the
receivers. This would lead to false triggering. Thus, a sequential operation mode has to be implemented. Basically, a master controller
activates one sensor after the other and reads back the status of each individual light beam.
1 If the LED pulse current is rather high, i.e. 1 A, two separate bus wires for the LED supply current are needed. Please refer to Error:
Reference source not found for detailed information.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
6
Datasheet epc12x - V2.1
www.espros.ch
Figure 4: System overview
Micro
Controller
Out
2-Wire Bus
epc120 with PD and LED
Bus
Interface
(epc100)
Bus
Termination
50Ω, 100nF
SPI-
Interface
light cone
generated by the
LED
active light beam
➊
➊
➊
➊
➊



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com