Electronic Components Datasheet Search
  English  ▼

X  

EPC120 Datasheet(PDF) 12 Page - Espros Photonics corp

Part # EPC120
Description  Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC120 Datasheet(HTML) 12 Page - Espros Photonics corp

Back Button EPC120 Datasheet HTML 8Page - Espros Photonics corp EPC120 Datasheet HTML 9Page - Espros Photonics corp EPC120 Datasheet HTML 10Page - Espros Photonics corp EPC120 Datasheet HTML 11Page - Espros Photonics corp EPC120 Datasheet HTML 12Page - Espros Photonics corp EPC120 Datasheet HTML 13Page - Espros Photonics corp EPC120 Datasheet HTML 14Page - Espros Photonics corp EPC120 Datasheet HTML 15Page - Espros Photonics corp EPC120 Datasheet HTML 16Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
epc120
5. Parameter Setting Registers 0/16
Parameter
Name
Register No.
Bit No.
Function
RAM
ROM
FUSEBIT
0
16
0
This bit will automatically be set when register 16 is programmed.
0
Values
0
Register 16 is not
programmed
1
Register 16 is programmed
POL
0
16
1
Polarity of the LED pulse. Setting is depending on the LED driver circuitry.
1
Values
Default Setting
0
active low
X
1
active high
TPULSE
0
16
4..2
Pulse length of the light pulse. Setting is dependent on the LED type, the LED current, the
required response time of the system, the scan rate, the operating range, the lens, etc.
4
3
2
Values
Default
Setting
Recommended Setting
0
0
0
1μs
X
0
0
1
2μs
0
1
0
3μs
0
1
1
4μs
1
0
0
5μs
X (typical setting)
1
0
1
6μs
1
1
0
7μs
1
1
1
8μs
n/a
0
16
5
no function, must be set to “0”
TSTMP
0
16
8..6
Time stamp. The LED pulse is generates in the middle of the time stamp range.
8
7
6
Values
Default Setting
Recommended Setting
0
0
0
30μs
X
This parameter should be set to the same length as the
receive window length, given by the scanning time by
the microcontroller. I.e., if the time between the SCAN
commands issued by the micro processor is 60μs, this
parameter should be set to 60μs.
0
0
1
60μs
0
1
0
90μs
0
1
1
120μs
1
0
0
150μs
1
0
1
180μs
1
1
0
210μs
1
1
1
240μs
DRATE
0
16
10..9
Data rate on the 2-wire bus
10
9
Values
Default Setting
Recommended Setting
0
0
250 kbit/s
X
if the physical 2-wire bus length is up to 100 meters
0
1
500 kbit/s
1
0
1 Mbit/s
1
1
2 Mbit/s
if the physical 2-wire bus length is less than 3 meters
...continued on next page...
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
12
Datasheet epc12x - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com