Electronic Components Datasheet Search
  English  ▼

X  

CMA3000 Datasheet(PDF) 9 Page - VTI technologies

Part # CMA3000
Description  3-axis accelerometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

CMA3000 Datasheet(HTML) 9 Page - VTI technologies

Back Button CMA3000 Datasheet HTML 5Page - VTI technologies CMA3000 Datasheet HTML 6Page - VTI technologies CMA3000 Datasheet HTML 7Page - VTI technologies CMA3000 Datasheet HTML 8Page - VTI technologies CMA3000 Datasheet HTML 9Page - VTI technologies CMA3000 Datasheet HTML 10Page - VTI technologies CMA3000 Datasheet HTML 11Page - VTI technologies CMA3000 Datasheet HTML 12Page - VTI technologies CMA3000 Datasheet HTML 13Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CMA3000 Assembly Instructions
5
Printed Wiring Board (PWB) Level Guidelines
5.1
PWB layout
Two types of land patterns are generally used for surface mount packages:
1) Non-Solder Mask Defined Pads (NSMD)
2) Solder Mask Defined Pads (SMD).
NSMD pads have an opening which is larger than the pad itself, and SMD pads have a solder
mask opening that is smaller than the metal pad on PWB. NSMD is preferred since the copper
etching process has tighter process control compared to the solder mask process and less solder
mask originated defects. Symmetrical pad and trace designs on the CMA3000 component PWB
area are highly recommended as those would guarantee an optimal component performance.
Moreover, traces should not be routed beneath the CMA3000 component, but to use ground plane
instead in order to optimize immunity to noise coupled from signal lines. Recommended PWB land
pattern and dimensions for the CMA3000 component are presented in Figure 8. Reference layouts
are presented in corresponding product family specifications:
CMA3000 D0X_Product_Family_Specification_8281000 and
CMA3000-A0X_Product_Family_Specification_8282100.
Solder Pad
Copper Pad
Solder Mask
Opening
Trace Width
Non-Solder-Mask
Defined (NMSD)
275 µm
(+0, -25 µm)
375 µm
(+0, -25 µm)
100 µm
(±25 µm)
Figure 8.
Recommended PWB pad layout and dimensions for CMA3000 component.
Subject to changes
TN68
9/18
Rev.09
PRELIMINARY
VTI Technologies Oy
www.vti.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com