Electronic Components Datasheet Search
  English  ▼

X  

CMA3000 Datasheet(PDF) 16 Page - VTI technologies

Part # CMA3000
Description  3-axis accelerometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

CMA3000 Datasheet(HTML) 16 Page - VTI technologies

Back Button CMA3000 Datasheet HTML 10Page - VTI technologies CMA3000 Datasheet HTML 11Page - VTI technologies CMA3000 Datasheet HTML 12Page - VTI technologies CMA3000 Datasheet HTML 13Page - VTI technologies CMA3000 Datasheet HTML 14Page - VTI technologies CMA3000 Datasheet HTML 15Page - VTI technologies CMA3000 Datasheet HTML 16Page - VTI technologies CMA3000 Datasheet HTML 17Page - VTI technologies CMA3000 Datasheet HTML 18Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
CMA3000 Assembly Instructions
6.6
Component placement
An accurate alignment of the component is an important process step although the surface tension
of the solder during the reflow step will help with the self-alignment. The use of a split-vision
alignment system is recommended to ensure the precise alignment of the component to the PWB.
The Z placement force should be carefully controlled in order to prevent the solder bridging,
component damage and misalignment.
6.7
Reflow soldering
The same reflow profile, as for the component removal, can be used for the re-attachment of the
replacement component as long as all solder joints will fully melt and properly wet the contact
areas. Otherwise, a new and proper reflow profile must be developed and measured from the
solder joints. Note that the reflow profile is always solder paste and flux dependent. The reworked
PWBs should be allowed to cool to the room temperature. The PWBs and the components should
be inspected after the rework process for possible defects. The use of X-ray inspection techniques
can be used to verify the success of the rework process.
7
Hand Soldering Guidelines
Hand soldering of the CMA3000 component with soldering iron is not recommended. For proto-
uses of the CMA3000 component, VTI can provide pre-assembled component on a PWB. For
more information on this, please find the document CMA3000-D0X PWB specification 8287500A
and CMA3000-D0X PWB specification 8287600A. These can be found from the Internet at
www.vti.fi.
8
Environmental Aspects
VTI Technologies respects environmental values and thus its CoM packaged accelerometer
sensors are lead-free and RoHS compatible. VTI Technologies’ sensors should be soldered with
lead-free solders in order to guarantee full RoHS compatibility.
9
Effect of the Reflow Soldering
CMA3000 is a factory calibrated three-axis accelerometer. However, reflow soldering may cause
acceleration offset shift due to thermal stress induced to the component. Offset shift depends e.g.
on the used layout design, circuit board material and the manufacturing process. Offset shift
stabilizes typically in 6 h after the reflow and is typically less than 150 mg (1σ). Calibration is not
recommended prior the offset has settled.
Typical offset settling behavior after the soldering can be seen in Figure 14 below.
Subject to changes
TN68
16/18
Rev.09
PRELIMINARY
VTI Technologies Oy
www.vti.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com