Electronic Components Datasheet Search
  English  ▼

X  

CMA3000 Datasheet(PDF) 12 Page - VTI technologies

Part # CMA3000
Description  3-axis accelerometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

CMA3000 Datasheet(HTML) 12 Page - VTI technologies

Back Button CMA3000 Datasheet HTML 8Page - VTI technologies CMA3000 Datasheet HTML 9Page - VTI technologies CMA3000 Datasheet HTML 10Page - VTI technologies CMA3000 Datasheet HTML 11Page - VTI technologies CMA3000 Datasheet HTML 12Page - VTI technologies CMA3000 Datasheet HTML 13Page - VTI technologies CMA3000 Datasheet HTML 14Page - VTI technologies CMA3000 Datasheet HTML 15Page - VTI technologies CMA3000 Datasheet HTML 16Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
CMA3000 Assembly Instructions
Figure 10.
Typical convection reflow soldering phases and profile (IPC/JEDEC J-STD-020C table
5-2 and figure 5-1).
The process window for lead-free soldering is narrower than for traditional eutectic SnPb solders.
Thus, caution has to be taken care when adjusting the reflow profiles. The reflow profile should be
measured using a thermo-couple measurement system. It is recommended that at least three
thermo-couples are used, depending on the application. As a general guide, one thermo-couple
should be placed under a component having the largest thermal mass, one next to the smallest
component, one should be in contact with CMA3000 component's solder joint, and others to the
appropriate spots on a circuit board, e.g. corner, center, bottom of the board etc. The reflow profile
should be adjusted according to the measured data so that each solder joint experiences an
optimal reflow profile. The temperature gradient should be as small as possible across the
circuit board and the components. Extreme caution has to be taken if the circuit board
contains components with vastly different thermal masses.
Underfilling of the CMA3000 is not recommended. This can affect on the component performance.
Subject to changes
TN68
12/18
Rev.09
PRELIMINARY
VTI Technologies Oy
www.vti.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com