Electronic Components Datasheet Search
  English  ▼

X  

ADL5243 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5243
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5243 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5243 Datasheet HTML 12Page - Analog Devices ADL5243 Datasheet HTML 13Page - Analog Devices ADL5243 Datasheet HTML 14Page - Analog Devices ADL5243 Datasheet HTML 15Page - Analog Devices ADL5243 Datasheet HTML 16Page - Analog Devices ADL5243 Datasheet HTML 17Page - Analog Devices ADL5243 Datasheet HTML 18Page - Analog Devices ADL5243 Datasheet HTML 19Page - Analog Devices ADL5243 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADL5243
Data Sheet
Rev. A | Page 16 of 32
20
25
30
35
40
45
50
30
31
32
33
34
35
36
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
3.6
FREQUENCY (GHz)
IIP3
IP1dB
Figure 33. DSA: Input P1dB and Input IP3 vs. Frequency, Minimum
Attenuation State
CH3 2.00V
CH3 2.00V
CH4 200mV
M10ns 10GS/s
IT 1.0ps/pt
A CH3
1.24V
3
4
Figure 34. DSA: Gain Settling Time, 0 dB to 31.5 dB
CH3 2.00V
CH3 2.00V
CH4 200mV
M10ns 10GS/s
IT 1.0ps/pt
A CH3
1.24V
3
4
Figure 35. DSA: Gain Settling Time, 31.5 dB to 0 dB
–150
–100
–50
0
50
100
150
0
4
8
12
16
20
24
28
32
ATTENUATION (dB)
943MHz
1960MHz
2140MHz
2630MHz
Figure 36. DSA: Phase vs. Attenuation
0
5
10
15
20
25
30
35
40
45
50
925
930
935
940
945
950
955
960
965
FREQUENCY (MHz)
P1dB
OIP3
GAIN
NF
Figure 37. Loop–943 MHz: Gain, P1dB, OIP3 at POUT = 5 dBm/Tone and Noise
Figure vs. Frequency, Minimum Attenuation State
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
FREQUENCY (GHz)
S11
S12
S22
Figure 38. Loop–943 MHz: Input Return Loss (S11), Output Return Loss (S22),
and Reverse Isolation (S12) vs. Frequency, Minimum Attenuation State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com