Electronic Components Datasheet Search
  English  ▼

X  

ADL5243 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5243
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5243 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5243 Datasheet HTML 13Page - Analog Devices ADL5243 Datasheet HTML 14Page - Analog Devices ADL5243 Datasheet HTML 15Page - Analog Devices ADL5243 Datasheet HTML 16Page - Analog Devices ADL5243 Datasheet HTML 17Page - Analog Devices ADL5243 Datasheet HTML 18Page - Analog Devices ADL5243 Datasheet HTML 19Page - Analog Devices ADL5243 Datasheet HTML 20Page - Analog Devices ADL5243 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
ADL5243
Rev. A | Page 17 of 32
32
34
36
38
40
42
44
46
4
6
8
10
12
14
16
18
20
22
POUT PER TONE (dBm)
925MHz
943MHz
961MHz
Figure 39. Loop–943 MHz: OIP3 vs. POUT and Frequency, Minimum
Attenuation State
0
5
10
15
20
25
30
35
40
45
2.11
2.12
2.13
2.14
2.15
2.16
2.17
FREQUENCY (GHz)
P1dB
OIP3
GAIN
NF
Figure 40. Loop–2140 MHz: Gain, P1dB, OIP3 at POUT = 5 dBm/Tone and Noise
Figure vs. Frequency, Minimum Attenuation State
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
2.00
2.05
2.10
2.15
2.20
2.25
2.30
FREQUENCY (GHz)
S11
S12
S22
Figure 41. Loop
–2140 MHz: Input Return Loss (S11), Output Return Loss
(S22), and Reverse Isolation (S12) vs. Frequency, Minimum Attenuation State
34
35
36
37
38
39
40
42
41
13
5
7
9
11
13
15
17
19
21
POUT PER TONE (dBm)
2.11GHz
2.14GHz
2.17GHz
Figure 42. Loop–2140 MHz: OIP3 vs. POUT and Frequency, Minimum
Attenuation State
0
5
10
15
20
25
30
35
40
45
2.57
2.59
2.61
2.63
2.65
2.67
2.69
FREQUENCY (GHz)
P1dB
OIP3
GAIN
NF
Figure 43. Loop–2630 MHz: Gain, P1dB, OIP3 at POUT = 5 dBm/Tone and Noise
Figure vs. Frequency, Minimum Attenuation State
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
FREQUENCY (GHz)
S12
S22
S11
Figure 44. Loop–2630 MHz: Input Return Loss (S11), Output Return Loss
(S22), and Reverse Isolation (S12) vs. Frequency, Minimum Attenuation State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com