Electronic Components Datasheet Search
  English  ▼

X  

ADL5243 Datasheet(PDF) 28 Page - Analog Devices

Part # ADL5243
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5243 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADL5243 Datasheet HTML 24Page - Analog Devices ADL5243 Datasheet HTML 25Page - Analog Devices ADL5243 Datasheet HTML 26Page - Analog Devices ADL5243 Datasheet HTML 27Page - Analog Devices ADL5243 Datasheet HTML 28Page - Analog Devices ADL5243 Datasheet HTML 29Page - Analog Devices ADL5243 Datasheet HTML 30Page - Analog Devices ADL5243 Datasheet HTML 31Page - Analog Devices ADL5243 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADL5243
Data Sheet
Rev. A | Page 28 of 32
ADL5243
NC
NC
DSAIN
AMP1OUT/VCC
NC
NC
NC
VDD
NC
NC
AMP2IN
NC
DSAOUT
NC
NC
VDD
R12
R10
C22
C28
C27
C24
C7
C3
LE
DATA
CLK
C13
C14
C15
AMP1IN
AMP1OUT
R1
VCC
C4
DSAIN
C1
L1
C21
8
7
6
5
4
3
24
23
22
21
20
2
19
18
17
1
C2
C17
R2
VDD
2
3
1
S1
AMP2OUT
C23
L2
C25
C20
R11
VCC2
C26
C8
AMP2IN
C6
C5
DSAOUT
C9
C10
C11
R3
C12
C16
R6
R4
R5
C18
R7
C19
R8
R9
9
8
7
6
5
4
3
2
1
P1
1µF
68pF
DNI
1pF
9.5nH
VDD
470nH
10pF
10pF
0.1µF
0.1µF
0Ω
100pF
DNI
0Ω
10pF
DNI
1.2nF
2.2pF
0.1µF
10nF
100pF
VDD
DNI
DNI
DNI
VDD
10µF
DNI
1.8pF
DNI
DNI
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
DNI
DNI
DNI
DNI
DNI
DNI
0Ω
0Ω
0Ω
0Ω
0Ω
0Ω
0Ω
Figure 65. ADL5243 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com