Electronic Components Datasheet Search
  English  ▼

X  

ADL5243 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5243
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5243 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5243 Datasheet HTML 15Page - Analog Devices ADL5243 Datasheet HTML 16Page - Analog Devices ADL5243 Datasheet HTML 17Page - Analog Devices ADL5243 Datasheet HTML 18Page - Analog Devices ADL5243 Datasheet HTML 19Page - Analog Devices ADL5243 Datasheet HTML 20Page - Analog Devices ADL5243 Datasheet HTML 21Page - Analog Devices ADL5243 Datasheet HTML 22Page - Analog Devices ADL5243 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
ADL5243
Rev. A | Page 19 of 32
0
10
20
30
40
50
60
70
80
90
100
NOISE FIGURE (dB)
Figure 51. AMP1: Noise Figure Distribution at 2140 MHz
0
5
10
15
20
25
30
35
40
GAIN (dB)
Figure 52. AMP2: Gain Distribution at 2140 MHz
0
5
10
15
20
25
30
35
40
45
50
P1dB (dBm)
Figure 53. AMP2: P1dB Distribution at 2140 MHz
0
10
20
30
40
50
60
70
33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
OIP3 (dBm)
Figure 54. AMP2: OIP3 Distribution at 2140 MHz
0
10
20
30
40
50
60
NOISE FIGURE (dB)
Figure 55. AMP2: Noise Figure Distribution at 2140 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com