Electronic Components Datasheet Search
  English  ▼

X  

ADL5243 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5243
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5243 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5243 Datasheet HTML 20Page - Analog Devices ADL5243 Datasheet HTML 21Page - Analog Devices ADL5243 Datasheet HTML 22Page - Analog Devices ADL5243 Datasheet HTML 23Page - Analog Devices ADL5243 Datasheet HTML 24Page - Analog Devices ADL5243 Datasheet HTML 25Page - Analog Devices ADL5243 Datasheet HTML 26Page - Analog Devices ADL5243 Datasheet HTML 27Page - Analog Devices ADL5243 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADL5243
Data Sheet
Rev. A | Page 24 of 32
AMP2OUT
20
19
18
17
13
14
15
16
AMP2IN
AMP2IN
C27
C28
L2
56nH
NC
ADL5243
0Ω
λ2
λ1
λ3
NC
NC
5.1pF
C8
12pF
C26
OPEN
R10
18Ω
R12
3.9nH
C22
1.3pF
C23
100pF
Figure 59. AMP2: Matching Circuit at 748 MHz
AMP2OUT
20
19
18
17
13
14
15
16
AMP2IN
AMP2IN
C27
C28
L2
56nH
NC
ADL5243
0Ω
λ2
λ1
λ3
NC
NC
OPEN
C8
6pF
C26
3.9pF
R10
18Ω
R12
3.3nH
C22
1.3pF
C23
100pF
Figure 60. AMP2: Matching Circuit at 943 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com