Electronic Components Datasheet Search
  English  ▼

X  

MTD6505 Datasheet(PDF) 6 Page - Microchip Technology

Part # MTD6505
Description  Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6505 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MTD6505 Datasheet HTML 2Page - Microchip Technology MTD6505 Datasheet HTML 3Page - Microchip Technology MTD6505 Datasheet HTML 4Page - Microchip Technology MTD6505 Datasheet HTML 5Page - Microchip Technology MTD6505 Datasheet HTML 6Page - Microchip Technology MTD6505 Datasheet HTML 7Page - Microchip Technology MTD6505 Datasheet HTML 8Page - Microchip Technology MTD6505 Datasheet HTML 9Page - Microchip Technology MTD6505 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MTD6505
DS22281A-page 6
 2011 Microchip Technology Inc.
Lock Protection
Operating Time
TRUN
—0.5
—
s
Lock Protection Waiting
Time
TWAIT
4.5
5
5.5
s
Note 2
Overcurrent Protection
IOC_MOT
—750
—
mA
Overvoltage Protection
VOV
—7.2
—
V
Short Protection on
High Side
IOC_SW_H
—2.57
—
A
Short Protection on
Low Side
IOC_SW_L
—-2.83
—
A
Thermal Shutdown
TSD
—170
—
°C
Thermal Shutdown
Hysteresis
TSD_HYS
—25
—
°C
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise specified, all limits are established for VDD = 5.5V to 2.0V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Temperature
TOPR
-40
—
+125
°C
Storage Temperature Range
TSTG
-55
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 10L-UDFN
JA
—96.6
—
°C/W
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all limits are established for VDD = 5.5V to 2.0V, TA = +25°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
750 mA is the standard option for MTD6505. Additional overcurrent protection levels are available upon
request. Please contact factory for different overcurrent protection values.
2:
Related to the internal oscillator frequency (see Figure 2-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com